Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 95 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 95 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 91Page - OSRAM GmbH CSG14K Datasheet HTML 92Page - OSRAM GmbH CSG14K Datasheet HTML 93Page - OSRAM GmbH CSG14K Datasheet HTML 94Page - OSRAM GmbH CSG14K Datasheet HTML 95Page - OSRAM GmbH CSG14K Datasheet HTML 96Page - OSRAM GmbH CSG14K Datasheet HTML 97Page - OSRAM GmbH CSG14K Datasheet HTML 98Page - OSRAM GmbH CSG14K Datasheet HTML 99Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 94
7.8.2
In-Line Streaming Mode
Figure 120:
In-Line Streaming Mode Registers
Register Name
Bank
Addr
Bits
Description
CTRL_MODE
0
11
[2:0]
4: In-line streaming mode
EXP_TIME_INL
0
12-13
[13:0]
Exposure time in in-line streaming mode. Expressed as
multiples of ROW_LENGTH
ROW_LENGTH
4
18-19
[13:0]
See section 7.5.2
YWIN_ENA
4
28-29
[9:0]
See section 7.5.3
YWINi
0
18+4×i
[30:0]
See section 7.5.3
The default frame sequence contains a number of overhead rows (see tread in section 7.5.1,
subsection “Minimal Frame Time Constraint”). Some of the overhead rows, like tstats can be
skipped, others not. Under nominal conditions, these overhead rows do not have a significant
impact on the total throughput because their amount is small compared to the number of valid
rows being read (tfval).
If the number of valid rows being read is small ("line scan mode"), however, these overhead
rows do have a significant impact on the maximum achievable frame rate. The in-line
streaming mode removes these overhead rows to achieve a higher frame rate.
Equation 16:
������������������������������������ = ������glob + ������������������������ × ������������������������������
In-line streaming mode is typically used with small Y-windows. In this case, the GLOB length
can be reduced to further increase the frame rate.
The in-line streaming mode is enabled by setting the CTRL_MODE register to 4. Just like in
normal streaming mode, the stream is started with a rising edge on REQ_EXP. The stream
stays active forever until externally stopped (with a software non-blocking HALT command or
(soft) reset).
The figure below shows the state diagram of the in-line streaming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com