Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 16 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 12Page - Texas Instruments AM263P2 Datasheet HTML 13Page - Texas Instruments AM263P2 Datasheet HTML 14Page - Texas Instruments AM263P2 Datasheet HTML 15Page - Texas Instruments AM263P2 Datasheet HTML 16Page - Texas Instruments AM263P2 Datasheet HTML 17Page - Texas Instruments AM263P2 Datasheet HTML 18Page - Texas Instruments AM263P2 Datasheet HTML 19Page - Texas Instruments AM263P2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
V15
V15
V15
ADC0_AIN0
ADC0_AIN0
I
3.3V
VDDA_CIO
AnalogCIO
U15
U15
U15
ADC0_AIN1
ADC0_AIN1
I
3.3V
VDDA_CIO
AnalogCIO
T14
T14
T14
ADC0_AIN2
ADC0_AIN2
I
3.3V
VDDA_CIO
AnalogCIO
U14
U14
U14
ADC0_AIN3
ADC0_AIN3
I
3.3V
VDDA_CIO
AnalogCIO
U13
U13
U13
ADC0_AIN4
ADC0_AIN4
I
3.3V
VDDA_CIO
AnalogCIO
R14
R14
R14
ADC0_AIN5
ADC0_AIN5
I
3.3V
VDDA_CIO
AnalogCIO
T11
T11
T11
ADC1_AIN0
ADC1_AIN0
I
3.3V
VDDA_CIO
AnalogCIO
U11
U11
U11
ADC1_AIN1
ADC1_AIN1
I
3.3V
VDDA_CIO
AnalogCIO
T12
T12
T12
ADC1_AIN2
ADC1_AIN2
I
3.3V
VDDA_CIO
AnalogCIO
V12
V12
V12
ADC1_AIN3
ADC1_AIN3
I
3.3V
VDDA_CIO
AnalogCIO
U12
U12
U12
ADC1_AIN4
ADC1_AIN4
I
3.3V
VDDA_CIO
AnalogCIO
R12
R12
R12
ADC1_AIN5
ADC1_AIN5
I
3.3V
VDDA_CIO
AnalogCIO
R10
R10
R10
ADC2_AIN0
ADC2_AIN0
I
3.3V
VDDA_CIO
AnalogCIO
T10
T10
T10
ADC2_AIN1
ADC2_AIN1
I
3.3V
VDDA_CIO
AnalogCIO
U10
U10
U10
ADC2_AIN2
ADC2_AIN2
I
3.3V
VDDA_CIO
AnalogCIO
T9
T9
T9
ADC2_AIN3
ADC2_AIN3
I
3.3V
VDDA_CIO
AnalogCIO
V9
V9
V9
ADC2_AIN4
ADC2_AIN4
I
3.3V
VDDA_CIO
AnalogCIO
T8
T8
T8
ADC2_AIN5
ADC2_AIN5
I
3.3V
VDDA_CIO
AnalogCIO
U7
U7
U7
ADC3_AIN0
ADC3_AIN0
I
3.3V
VDDA_CIO
AnalogCIO
U8
U8
U8
ADC3_AIN1
ADC3_AIN1
I
3.3V
VDDA_CIO
AnalogCIO
T7
T7
T7
ADC3_AIN2
ADC3_AIN2
I
3.3V
VDDA_CIO
AnalogCIO
R7
R7
R7
ADC3_AIN3
ADC3_AIN3
I
3.3V
VDDA_CIO
AnalogCIO
V8
V8
V8
ADC3_AIN4
ADC3_AIN4
I
3.3V
VDDA_CIO
AnalogCIO
U9
U9
U9
ADC3_AIN5
ADC3_AIN5
I
3.3V
VDDA_CIO
AnalogCIO
U6
U6
U6
ADC4_AIN0
ADC4_AIN0
I
3.3V
VDDA_CIO
AnalogCIO
V5
V5
V5
ADC4_AIN1
ADC4_AIN1
I
3.3V
VDDA_CIO
AnalogCIO
V4
V4
V4
ADC4_AIN2
ADC4_AIN2
I
3.3V
VDDA_CIO
AnalogCIO
U5
U5
U5
ADC4_AIN3
ADC4_AIN3
I
3.3V
VDDA_CIO
AnalogCIO
V3
V3
V3
ADC4_AIN4
ADC4_AIN4
I
3.3V
VDDA_CIO
AnalogCIO
U4
U4
U4
ADC4_AIN5
ADC4_AIN5
I
3.3V
VDDA_CIO
AnalogCIO
U16
U16
U16
ADC_CAL0
ADC_CAL0
I
3.3V
VDDA_CIO
AnalogCIO
T15
T15
T15
ADC_CAL1
ADC_CAL1
I
3.3V
VDDA_CIO
AnalogCIO
U17
U17
ADC_CAL2
ADC_CAL2
A
3.3V
VDDA_CIO
AnalogCIO
N17
N17
ADC_CAL3
ADC_CAL3
A
3.3V
VDDA_CIO
AnalogCIO
T18
T18
ADC_R0_AIN0
ADC_R0_AIN0
I
3.3V
VDDA_CIO
AnalogCIO
T16
T16
ADC_R0_AIN1
ADC_R0_AIN1
I
3.3V
VDDA_CIO
AnalogCIO
U18
U18
ADC_R0_AIN2
ADC_R0_AIN2
I
3.3V
VDDA_CIO
AnalogCIO
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com