Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 53 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 49Page - Texas Instruments AM263P2 Datasheet HTML 50Page - Texas Instruments AM263P2 Datasheet HTML 51Page - Texas Instruments AM263P2 Datasheet HTML 52Page - Texas Instruments AM263P2 Datasheet HTML 53Page - Texas Instruments AM263P2 Datasheet HTML 54Page - Texas Instruments AM263P2 Datasheet HTML 55Page - Texas Instruments AM263P2 Datasheet HTML 56Page - Texas Instruments AM263P2 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 164 page
background image
Table 5-14. CPSW0 RGMII2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
RGMII2_RD2
I
RGMII Receive Data 2
J18
J18
J18
RGMII2_RD3
I
RGMII Receive Data 3
J17
J17
J17
RGMII2_TD0
O
RGMII Transmit Data 0
M16
M16
M16
RGMII2_TD1
O
RGMII Transmit Data 1
M15
M15
M15
RGMII2_TD2
O
RGMII Transmit Data 2
H17
H17
H17
RGMII2_TD3
O
RGMII Transmit Data 3
H16
H16
H16
Table 5-15. CPSW0 RMII1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
RMII1_CRS_DV
I
RMII Carrier Sense / Data Valid
P18
RMII1_REF_CLK
IO
RMII Reference Clock
R17
R17
R17
RMII1_RX_ER
I
RMII Receive Data Error
R18
RMII1_TX_EN
O
RMII Transmit Enable
M18
M18
M18
RMII1_RXD0
I
RMII Receive Data 0
U17
RMII1_RXD1
I
RMII Receive Data 1
T17
RMII1_TXD0
O
RMII Transmit Data 0
P16
P16
P16
RMII1_TXD1
O
RMII Transmit Data 1
P17
Table 5-16. CPSW0 RMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
RMII2_CRS_DV
I
RMII Carrier Sense / Data Valid
G18
G18
G18
RMII2_REF_CLK
IO
RMII Reference Clock
K15
K15
K15
RMII2_RX_ER
I
RMII Receive Data Error
G17
G17
G17
RMII2_TX_EN
O
RMII Transmit Enable
L16
L16
L16
RMII2_RXD0
I
RMII Receive Data 0
K17
K17
K17
RMII2_RXD1
I
RMII Receive Data 1
K18
K18
K18
RMII2_TXD0
O
RMII Transmit Data 0
M16
M16
M16
RMII2_TXD1
O
RMII Transmit Data 1
M15
M15
M15
Table 5-17. CPSW0 MII1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MII1_COL
I
MII Collision Detected
P15
MII1_CRS
I
MII Carrier Sense
R16
MII1_RXCLK
I
MII Receive Clock
R17
R17
R17
MII1_RXDV
I
MII Receive Data Valid
R18
MII1_RX_ER
I
MII Receive Data Error
T16
MII1_TXCLK
I
MII Transmit Clock
N18
N18
N18
MII1_TX_EN
O
MII Transmit Enable
M18
M18
M18
MII1_RXD0
I
MII Receive Data 0
U17
MII1_RXD1
I
MII Receive Data 1
T17
MII1_RXD2
I
MII Receive Data 2
U18
MII1_RXD3
I
MII Receive Data 3
T18
MII1_TXD0
O
MII Transmit Data 0
P16
P16
P16
MII1_TXD1
O
MII Transmit Data 1
P17
MII1_TXD2
O
MII Transmit Data 2
P18
MII1_TXD3
O
MII Transmit Data 3
N17
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com