Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 95 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 91Page - Texas Instruments AM263P2 Datasheet HTML 92Page - Texas Instruments AM263P2 Datasheet HTML 93Page - Texas Instruments AM263P2 Datasheet HTML 94Page - Texas Instruments AM263P2 Datasheet HTML 95Page - Texas Instruments AM263P2 Datasheet HTML 96Page - Texas Instruments AM263P2 Datasheet HTML 97Page - Texas Instruments AM263P2 Datasheet HTML 98Page - Texas Instruments AM263P2 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 164 page
background image
6.11.5 Peripherals
6.11.5.1 2-port Gigabit Ethernet MAC (CPSW)
Note
The CPSW supports two external Ethernet ports and one internal port.
For more details about features and additional description information on the device CPSW (2-port Gigabit
Ethernet MAC), see the corresponding subsections within Signal Descriptions and Detailed Description sections.
6.11.5.1.1 CPSW MDIO Timing
6.11.5.1.1.1 CPSW MDIO Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
10
470
pF
6.11.5.1.1.2 CPSW MDIO Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO1
tsu(MDIO-MDC)
Setup time, MDIO_DATA valid before
MDIO_CLK high
90
ns
MDIO2
th(MDC-MDIO)
Hold time, MDIO_DATA valid after MDIO_CLK
high
0
ns
6.11.5.1.1.3 CPSW MDIO Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO3
tc(MDC)
Cycle time, MDIO_CLK
400
ns
MDIO4
tw(MDCH)
Pulse duration, MDIO_CLK high
160
ns
MDIO5
tw(MDCL)
Pulse duration, MDIO_CLK low
160
ns
MDIO7
td(MDC_MDIO)
Delay time, MDIO_CLK low to MDIO_DATA
valid
–150
150
ns
MDIO3
MDIO1
MDIO2
MDIO7
MDIO4
MDIO5
MDIO[x]_MDC
MDIO[x]_MDIO
(input)
MDIO[x]_MDIO
(output)
CPSW2G_MDIO_TIMING_01
Figure 6-8. CPSW MDIO Timing Requirements and Switching Characteristics
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com