Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 86 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 86 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 82Page - Texas Instruments AM263P2 Datasheet HTML 83Page - Texas Instruments AM263P2 Datasheet HTML 84Page - Texas Instruments AM263P2 Datasheet HTML 85Page - Texas Instruments AM263P2 Datasheet HTML 86Page - Texas Instruments AM263P2 Datasheet HTML 87Page - Texas Instruments AM263P2 Datasheet HTML 88Page - Texas Instruments AM263P2 Datasheet HTML 89Page - Texas Instruments AM263P2 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 164 page
background image
6.9 VPP Specifications for One-Time Programmable (OTP) eFuses
This section specifies the operating conditions required for programming the OTP eFuses.
6.9.1 VPP Specifications
over recommended operating conditions (unless otherwise noted)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
NOM
MAX UNIT
VDD
Supply voltage range for the core
domain during OTP operation
Normal Operation
1.140
1.200
1.260
V
VPP
Supply voltage range for the eFuse
ROM domain
Normal Operation
No Connection
V
Supply voltage range for the
eFuse ROM domain during OTP
programming
OTP Programming
1.65
1.7
1.75
V
I(VPP)
VPP Current
I(VPP)
100
mA
TA
Ambient Temperature
Ambient Temperature
0
30
50
℃
6.9.2 Hardware Requirements
The following hardware requirements must be met when programming keys in the OTP eFuses:
• The VPP power supply must be disabled when not programming OTP registers.
• The VPP power supply must be ramped up after the proper device power-on sequence (for more details, see
Section 6.11.2.1, Power-On and Reset Sequencing).
6.9.3 Programming Sequence
Programming sequence for OTP eFuses:
• Power on the board per the power-on sequencing. No voltage should be applied on the VPP terminal during
power up and normal operation.
• Load the OTP write software required to program the eFuse (contact your local TI representative for the OTP
software package).
• Apply the voltage on the VPP terminal according to the specification in Section 6.9.1, VPP Specifications.
• Run the software that programs the OTP registers.
• After validating the content of the OTP registers, remove the voltage from the VPP terminal.
6.9.4 Impact to Your Hardware Warranty
You accept that e-Fusing the TI Devices with security keys permanently alters them. You acknowledge that the
e-Fuse can fail, for example, due to incorrect or aborted program sequence or if you omit a sequence step.
Further the TI Device may fail to secure boot if the error code correction check fails for the Production Keys
or if the image is not signed and optionally encrypted with the current active Production Keys. These types of
situations will render the TI Device inoperable and TI will be unable to confirm whether the TI Devices conformed
to their specifications prior to the attempted e-Fuse.
CONSEQUENTLY, TI WILL HAVE NO LIABILITY (WARRANTY OR OTHERWISE) FOR ANY TI DEVICES THAT
HAVE BEEN e-FUSED WITH SECURITY KEYS.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
86
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com