Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 44 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 40Page - Texas Instruments AM263P2 Datasheet HTML 41Page - Texas Instruments AM263P2 Datasheet HTML 42Page - Texas Instruments AM263P2 Datasheet HTML 43Page - Texas Instruments AM263P2 Datasheet HTML 44Page - Texas Instruments AM263P2 Datasheet HTML 45Page - Texas Instruments AM263P2 Datasheet HTML 46Page - Texas Instruments AM263P2 Datasheet HTML 47Page - Texas Instruments AM263P2 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
E11, E9,
F11, F9,
G13,
G14, G5,
G6, K13,
K14, K5,
K6, N13,
N14, N5,
N6, R9
E11, E9,
F11, F9,
G13,
G14, G5,
G6, K13,
K14, K5,
K6, N13,
N14, N5,
N6, R9
E11, E9,
F11, F9,
G13,
G14, G5,
G6, K13,
K14, K5,
K6, N13,
N14, N5,
N6, R9
VDD
VDD
PWR
1.2V
R11, R8
R11, R8
R11, R8 VDDA18
VDDA18
PWR
1.8V
R6
R6
R6
VDDA18_LDO
VDDA18_LDO
PWR
1.8V
R4
R4
R4
VDDA18_OSC_PLL
VDDA18_OSC_PLL
PWR
1.8V
P11, P7,
P9
P11, P7,
P9
P11, P7,
P9
VDDA33
VDDA33
PWR
3.3V
J15
J15
J15
VDDAR1
VDDAR1
PWR
1.2V
D10
D10
D10
VDDAR2
VDDAR2
PWR
1.2V
H3
H3
H3
VDDAR3
VDDAR3
PWR
1.2V
D6, E15,
L4, N15
D6, E15,
L4, N15
D6, E15,
L4, N15
VDDS18
VDDS18
PWR
1.8V
T3
T3
T3
VDDS18_LDO
VDDS18_LDO
PWR
1.8V
D12, D8,
H15, H4,
L15, P4,
R15
D12, D8,
H15, H4,
L15, P4,
R15
D12, D8,
H15, H4,
L15, P4,
R15
VDDS33
VDDS33
PWR
3.3V
N3
N3
N3
VPP
VPP
PWR
VPP
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
44
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com