Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 69 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 65Page - Texas Instruments AM263P2 Datasheet HTML 66Page - Texas Instruments AM263P2 Datasheet HTML 67Page - Texas Instruments AM263P2 Datasheet HTML 68Page - Texas Instruments AM263P2 Datasheet HTML 69Page - Texas Instruments AM263P2 Datasheet HTML 70Page - Texas Instruments AM263P2 Datasheet HTML 71Page - Texas Instruments AM263P2 Datasheet HTML 72Page - Texas Instruments AM263P2 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 164 page
background image
Table 5-99. SDFM0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SDFM0_D1
I
SDFM Channel 1 Data
D13
D13
D13
SDFM0_D2
I
SDFM Channel 2 Data
C13
C13
C13
SDFM0_D3
I
SDFM Channel 3 Data
C14
C14
C14
Table 5-100. SDFM1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SDFM1_CLK0
I
SDFM Channel 0 Clock
B14, B6
B14, B6
B14, B6
SDFM1_CLK1
I
SDFM Channel 1 Clock
B5, C12
B5, C12
B5, C12
SDFM1_CLK2 (1)
I
SDFM Channel 2 Clock
A3, B13
A3, B13
A3, B13
SDFM1_CLK3 (2)
ID
SDFM Channel 3 Clock
A13, C6
A13, C6
A13, C6
SDFM1_D0
I
SDFM Channel 0 Data
A14, A4
A14, A4
A14, A4
SDFM1_D1
I
SDFM Channel 1 Data
B4, D11
B4, D11
B4, D11
SDFM1_D2
I
SDFM Channel 2 Data
A2, B12
A2, B12
A2, B12
SDFM1_D3
I
SDFM Channel 3 Data
A12, A5
A12, A5
A12, A5
(1)
SDFM1_CLK2 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(2)
SDFM1_CLK3 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
5.3.21 System and Miscellaneous
5.3.21.1 Boot Mode Configuration
Table 5-101. Boot Mode Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SOP0
Boot Mode configuration bit 0 (OSPI0_D0)
N1
N1
N1
SOP1
Boot Mode configuration bit 1 (OSPI0_D1)
N4
N4
N4
SOP2
IO
Boot Mode configuration bit 2 (SPI0_CLK)
A11
A11
A11
SOP3
IO
Boot Mode configuration bit 3 (SPI0_D0)
C10
C10
C10
5.3.21.2 Clocking
Table 5-102. XTAL Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
XTAL_XI (1)
I
External Crystal (XTAL) Input
T1
T1
T1
XTAL_XO (1)
O
External Crystal (XTAL) Output
R1
R1
R1
(1)
The XTAL interface requires a 25 MHz clock source.
Table 5-103. Output Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
CLKOUT0
O
Output Clock 0
M2
M2
M2
CLKOUT1
O
Output Clock 1
B16
B16
B16
Table 5-104. External Reference Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EXT_REFCLK0
I
External Reference Clock Input
P2
P2
P2
5.3.21.3 Emulation and Debug
Table 5-105. Trace Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
TRC_CLK
O
Trace Clock
D15
D15
D15
TRC_CTL
O
Trace Control
C15
C15
C15
TRC_DATA0
O
Trace Data 0
F15
F15
F15
TRC_DATA1
O
Trace Data 1
C18
C18
C18
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com