Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 84 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 80Page - Texas Instruments AM263P2 Datasheet HTML 81Page - Texas Instruments AM263P2 Datasheet HTML 82Page - Texas Instruments AM263P2 Datasheet HTML 83Page - Texas Instruments AM263P2 Datasheet HTML 84Page - Texas Instruments AM263P2 Datasheet HTML 85Page - Texas Instruments AM263P2 Datasheet HTML 86Page - Texas Instruments AM263P2 Datasheet HTML 87Page - Texas Instruments AM263P2 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 164 page
background image
6.8.5 Digital-to-Analog Converter (DAC)
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-up time
1
µs
DAC_VREF
1.71
1.8
1.89
V
Voltage output range
0.3
VDDA33(1) – 0.3
V
Trimmed offset error
Offset is checked at Midpoint (code 2048)
–10
10
mV
Gain error
DAC_VREF = 1.8V
–2.5
2.5 % of FSR
DNL
Endpoint corrected
–1
1
LSB
INL
Endpoint corrected
–20
20
LSB
Settling time
Settling to 2 LSBs (~1.6mV) after 0.3V-to-3V
transition
2
µs
Resolution
12
bits
Capacitive load
Output drive capability
100
pF
Resistive load
Output drive capability
5
kΩ
DAC_VREF loading
DAC_VREF
64
kΩ
Output noise (100Hz-100KHz)
Integrated noise from 100Hz to 100kHz
1
mVrms
SNR @ 1KHz
2MHz DACVALA update rate, 200kHz output
filter
60
dB
Power supply (VDDA33)
3.13
3.3
3.46
V
Power supply (VDDA18)
1.71
1.8
1.89
V
Power Consumption (VDDA33)
850
µA
Power Consumption (VDDA18)
35
µA
(1)
VDDA33 is the voltage on the corresponding power-supply pin(s) on the IC.
6.8.6 Power Management Unit (PMU)
over operating junction temperature range (unless otherwise noted)
GROUP
PARAMETER
MIN
TYP
MAX
UNIT
PMU
Power supply (VDDA33)
3.1
3.3
3.46
V
Bandgap
VREF trimmed
0.886
0.9
0.914
V
1.8V LDO
DC accuracy
1.764
1.8
1.836
V
Transient load regulation
1.71
1.8
1.89
V
DC Load regulation
5
mV
Load current
0
60
mA
Power up time
800
uS
Inrush current
150
mA
External decoupling capacitance
–20%
4.7
20%
uF
ADC Reference
Load Regulation
±1
mV
DC accuracy
1.764
1.8
1.836
V
Power up time
800
uS
Inrush current
80
mA
External decoupling capacitance
–20%
4.7
20%
uF
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
84
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com