Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 82 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 78Page - Texas Instruments AM263P2 Datasheet HTML 79Page - Texas Instruments AM263P2 Datasheet HTML 80Page - Texas Instruments AM263P2 Datasheet HTML 81Page - Texas Instruments AM263P2 Datasheet HTML 82Page - Texas Instruments AM263P2 Datasheet HTML 83Page - Texas Instruments AM263P2 Datasheet HTML 84Page - Texas Instruments AM263P2 Datasheet HTML 85Page - Texas Instruments AM263P2 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 164 page
background image
6.8.3 Comparator Subsystem A (CMPSSA)
SUBGROUP
PARAMETER
MIN
TYP
MAX
UNIT
Comparator
Power-up time
10
µs
Comparator input range
0.1
VDDA33(1) – 50mV
V
Input referred offset error
–20
20
mV
Hysteresis (H1)
NA
LSB
Hysteresis (H2)
15
LSB
Hysteresis (H3)
35
LSB
Hysteresis (H4)
55
LSB
Propagation delay
21
50
ns
DAC
DAC_VREF reference voltage
1.71
1.8
1.89
V
DAC output range
0.1
Minimum of
33/18 × DAC_VREF or
VDDA33(1) – 50mV
V
Static offset error
–45
45
mV
Static gain error
–2
2 % of FSR
Static DNL
>–1
4
LSB
Static INL
–16
16
LSB
Settling time
1
µs
Resolution
12
bits
DAC output disturbance (comparator trip
kickback)
–100
100
LSB
DAC output disturbance (comparator trip
kickback)
200
ns
DAC_VREF loading
37
kΩ
Common
Input Leakage
–1.2
0.1
1.2
µA
Power supply (VDDA33)
3.13
3.3
3.46
V
Power supply (VDDA18)
1.71
1.8
1.89
V
Power consumption (VDDA33)
900
µA
Power consumption (VDDA18)
120
µA
Failsafe Input current injection
10
mA
(1)
VDDA33 is the voltage on the corresponding power-supply pin(s) on the IC.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
82
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com