Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 77 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 73Page - Texas Instruments AM263P2 Datasheet HTML 74Page - Texas Instruments AM263P2 Datasheet HTML 75Page - Texas Instruments AM263P2 Datasheet HTML 76Page - Texas Instruments AM263P2 Datasheet HTML 77Page - Texas Instruments AM263P2 Datasheet HTML 78Page - Texas Instruments AM263P2 Datasheet HTML 79Page - Texas Instruments AM263P2 Datasheet HTML 80Page - Texas Instruments AM263P2 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
6.7 Power Consumption Summary
Section 6.7.1, Power Consumption - Maximum shows the maximum current consumed by each rail and should
be used for power supply selection.Section 6.7.2, Power Consumption - Typical shows the typical power
consumption by Module. Section 6.7.3, Power Consumption - Traction Inverter shows the nominal power
consumption of the SoC at different Junction Temperatures for a Traction Inverter application.
6.7.1 Power Consumption - Maximum
over recommended operating conditions (unless otherwise noted)
SUPPLY NAME
PARAMETER
MIN
MAX
UNIT
VDD + VDDARn
Maximum Current Rating for Core Domain
2.8
A
VDDS33
Maximum Current Rating for IO supply
200
mA
VDDA33
Maximum Current Rating for 3.3V Analog supply
200
mA
6.7.2 Power Consumption - Typical
Typical usecase power consumption summary, TJ = 85℃
PARAMETER
TYP
MAX
UNIT
Power Consumption
Cores and Memory
401
mW
Infrastructure
598
mW
Peripherals
212
mW
Total
1211
mW
6.7.3 Power Consumption - Traction Inverter
Traction Inverter Application Power Consumption Across Temperature
PARAMETER
TYP
MAX
UNIT
Power Consumption
TJ = 85℃
1211
mW
TJ = 105℃
1368
mW
TJ = 125℃
1601
mW
TJ = 150℃
2090
mW
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com