Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 94 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 90Page - Texas Instruments AM263P2 Datasheet HTML 91Page - Texas Instruments AM263P2 Datasheet HTML 92Page - Texas Instruments AM263P2 Datasheet HTML 93Page - Texas Instruments AM263P2 Datasheet HTML 94Page - Texas Instruments AM263P2 Datasheet HTML 95Page - Texas Instruments AM263P2 Datasheet HTML 96Page - Texas Instruments AM263P2 Datasheet HTML 97Page - Texas Instruments AM263P2 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 164 page
background image
SAFETY_ERRORn
(PWM Mode Enabled)
SAFETY_ERRORn
(PWM Mode Disabled)
SFTY1
SFTY2
SFTY3
Internal Error Condition
(Active High)
Figure 6-7. MCU_SAFETY_ERRORn Timing Requirements and Switching Characteristics
6.11.4 Clock Specifications
6.11.4.1 Input Clocks / Oscillators
6.11.4.1.1 Crystal Oscillator (XTAL) Parameters
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Crystal Parallel Resonance Frequency
(Fundamental mode oscillation only)
–50ppm
25
50ppm
MHz
Duty Cycle
Duty cycle output of XTAL
45
50
55
%
CC1
Capacitance of CL1 + CPCBXI
12
24
pF
CC2
Capacitance of CL2 + CPCBXO
12
24
pF
Cshunt
Crystal Circuit Shunt Capacitance
5
pF
ESRxtal
Crystal Effective Series Resistance
46
Ω
6.11.4.1.2 External Clock Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
CPkg
Shunt Capacitance of package
0.01
pF
Pxtal
Power dissipation
0.5 × ESR × (2 × π × Fxtal × CL × 1.8)2
W
ts
Startup time
1.5
ms
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
94
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com