Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 89 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 85Page - Texas Instruments AM263P2 Datasheet HTML 86Page - Texas Instruments AM263P2 Datasheet HTML 87Page - Texas Instruments AM263P2 Datasheet HTML 88Page - Texas Instruments AM263P2 Datasheet HTML 89Page - Texas Instruments AM263P2 Datasheet HTML 90Page - Texas Instruments AM263P2 Datasheet HTML 91Page - Texas Instruments AM263P2 Datasheet HTML 92Page - Texas Instruments AM263P2 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 164 page
background image
6.11.2 Power Supply Sequencing
This section describes power supply sequencing required to ensure proper device operation.
6.11.2.1 Power-On and Reset Sequencing
AM263Px attempts to simplify the power reset requirements from previous Sitara MCU devices. There is no
sequencing requirement with respect to the primary core digital VDD 1.2V and I/O power 3.3V rails. There are
two on-die LDO that are supplied through the VDDS33 and VDDA33 power nets respectively. These on-die LDO
generate the required VDDS1V8 and VDDA1V8 1.8V digital and analog power. The AM263Px does require the
minimum ramp time be respected for 3.3V power-on. Additional PORz and SOP boot mode latch timing must be
respected by the EVM design as well. Figure 6-2 describes the device power-on sequencing.
Table 6-2. AM263Px Power-On Sequencing
PARAMETER
MIN
MAX
UNIT
tStartup
Time for 1.2V and 3.3V DC-DC converters to startup after being enabled. This is an
arbitrary amount of time - no constraint imposed by the device.
–
–
ms
tPGood
Time for Power Good signals to be generated from DC-DC converters after rails are
stable. This is an arbitrary amount of time - no constraint imposed by the device.
–
–
ms
tRamp_3V3
Ramp time of the VDDS3V3 and VDDA3V3 supplies. This is a requirement imposed by
the device.
0.1
–
ms
tSOP_Sampled
Time from PORz de-assertion until the SOP[3:0] pins are sampled. This is a device
internal pentameter. Sampling happens when the internally generated supplies are
stable. For information only. Refer to TSU_SOP and TH_SOP parameters for application
usage.
0
–
ms
tSU_SOP
Setup time for SOP relative to PORz assertion.
10
–
μs
tH_SOP
Hold time for SOP relative to WARMRSTn deassertion.
0
–
μs
tWARMRSTn
Time from PORz de-assertion until the device de-asserts the WARMRESETn signal.
2.0
–
ms
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com