Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 37 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 33Page - Texas Instruments AM263P2 Datasheet HTML 34Page - Texas Instruments AM263P2 Datasheet HTML 35Page - Texas Instruments AM263P2 Datasheet HTML 36Page - Texas Instruments AM263P2 Datasheet HTML 37Page - Texas Instruments AM263P2 Datasheet HTML 38Page - Texas Instruments AM263P2 Datasheet HTML 39Page - Texas Instruments AM263P2 Datasheet HTML 40Page - Texas Instruments AM263P2 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
C17
C17
C17
PR0_PRU1_GPIO14
PR0_PRU1_GPIO14_CFG_REG
0x5310 01D8
0x0000 05F7
PR0_PRU1_GPIO14
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN7_TX
1
O
SPI6_D1
2
IO
FSIRX3_DATA1
3
I
TRC_DATA15
4
O
XBAROUT12
5
O
GPIO118
7
IO
RES0_PWMOUT1
8
O
A17
A17
A17
PR0_PRU1_GPIO15
PR0_PRU1_GPIO15_CFG_REG
0x5310 01C8
0x0000 05F7
PR0_PRU1_GPIO15
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN5_TX
1
O
FSITX3_DATA0
3
O
TRC_DATA11
4
O
GPIO114
7
IO
C16
C16
C16
PR0_PRU1_GPIO16
PR0_PRU1_GPIO16_CFG_REG
0x5310 01C4
0x0000 05F7
PR0_PRU1_GPIO16
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN5_RX
1
I
FSITX3_CLK
3
O
TRC_DATA10
4
O
GPIO113
7
IO
C15
C15
C15
PR0_PRU1_GPIO18
PR0_PRU1_GPIO18_CFG_REG
0x5310 01E0
0x0000 05F7
PR0_PRU1_GPIO18
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_TXD
2
O
PR0_IEP0_EDIO_DATA_IN_OUT31
3
IO
TRC_CTL
4
O
XBAROUT14
5
O
GPIO120
7
IO
EQEP1_B
9
I
D15
D15
D15
PR0_PRU1_GPIO19
PR0_PRU1_GPIO19_CFG_REG
0x5310 01DC
0x0000 05F7
PR0_PRU1_GPIO19
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_RXD
2
I
PR0_IEP0_EDC_SYNC_OUT0
3
O
TRC_CLK
4
O
XBAROUT13
5
O
GPIO119
7
IO
EQEP1_A
9
I
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com