Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 92 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 92 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 88Page - Texas Instruments AM263P2 Datasheet HTML 89Page - Texas Instruments AM263P2 Datasheet HTML 90Page - Texas Instruments AM263P2 Datasheet HTML 91Page - Texas Instruments AM263P2 Datasheet HTML 92Page - Texas Instruments AM263P2 Datasheet HTML 93Page - Texas Instruments AM263P2 Datasheet HTML 94Page - Texas Instruments AM263P2 Datasheet HTML 95Page - Texas Instruments AM263P2 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 164 page
background image
6.11.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding subsections within Signal Descriptions and Detailed Description sections.
6.11.3.1 System Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.5
2
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
3
30
pF
6.11.3.2 Reset Timing
Tables and figures provided in this section define timing requirements and switching characteristics for reset
related signals.
6.11.3.2.1 PORz Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RST1
th(SUPPLIES_VALID-
PORz)
Hold time, PORz active (low) at
Power-up after supplies valid (using
external crystal)
0
ns
RST3
tw(PORzL)
Pulse Width minimum, PORz low
after Power-up (without removal of
Power or system reference clock
XTAL_XI/XO)
1000
ns
PORz
RST1
RST3
ALL SUPPLIES
VALID
Figure 6-4. PORz Timing Requirements
6.11.3.2.2 WARMRSTn Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RST4
td(PORzL:-
WARMRSTnZ)
Delay time, PORz active (low) to WARMRSTn
high impedance
0
0
ns
RST5
td(PORzH-
WARMRSTnL)
Delay time, PORz inactive (high) to
WARMRSTn active (low)
0
0
ns
RST6
td(PORzH-
WARMRSTnH)
Delay time, PORz inactive (high) to
WARMRSTn inactive (high)
2000000
6000000
ns
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
92
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com