Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 78 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 74Page - Texas Instruments AM263P2 Datasheet HTML 75Page - Texas Instruments AM263P2 Datasheet HTML 76Page - Texas Instruments AM263P2 Datasheet HTML 77Page - Texas Instruments AM263P2 Datasheet HTML 78Page - Texas Instruments AM263P2 Datasheet HTML 79Page - Texas Instruments AM263P2 Datasheet HTML 80Page - Texas Instruments AM263P2 Datasheet HTML 81Page - Texas Instruments AM263P2 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 164 page
background image
6.8 Electrical Characteristics
Note
The interfaces or signals described in Section 6.8.1 Digital and Analog IO Electrical Characteristics
through Section 6.8.6 Power Management Unit (PMU) correspond to the interfaces or signals
available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
6.8.1 Digital and Analog IO Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
PORz IO
VIH
High-Level Input Voltage
1.35
V
VIL
Low-Level Input Voltage
0.5
V
VHYS
Hysteresis Voltage at an Input
0.070
V
IL
Input Leakage Current
–2
2
µA
Warm Reset IO
VIH
High-Level Input Voltage
2.15
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.347
V
VOL
Low Level Output Voltage, Driver Enabled: IOL = 6mA
0.45
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–57
µA
TCK IO
VIH
High-Level Input Voltage
2.15
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.4
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–3.9
8.9
17.2
µA
Input Leakage Current, Receiver Disabled, Pullup Enabled
106.9
128.2
µA
Input Leakage Current, Receiver Disabled, Pulldown
Enabled
100.3
130.3
µA
I2C OD IOs
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.165
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–18
18
µA
VOL
Low Level Output Voltage, Driver Enabled: IOL = 3mA
0.45
V
All Other LVCMOS
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.265
V
VOL
Low Level Output Voltage, Driver Enabled: IOL = 6mA
0.45
V
VOH
High Level Output Voltage, Driver Enabled: IOH = 6mA
VDDS33(1) – 0.45
V
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
78
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com