Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 2Page - Texas Instruments AM263P2 Datasheet HTML 3Page - Texas Instruments AM263P2 Datasheet HTML 4Page - Texas Instruments AM263P2 Datasheet HTML 5Page - Texas Instruments AM263P2 Datasheet HTML 6Page - Texas Instruments AM263P2 Datasheet HTML 7Page - Texas Instruments AM263P2 Datasheet HTML 8Page - Texas Instruments AM263P2 Datasheet HTML 9Page - Texas Instruments AM263P2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 3
3 Description.......................................................................4
3.1 Functional Block Diagram........................................... 5
4 Device Comparison......................................................... 6
4.1 Device Identification....................................................8
4.2 Related Products........................................................ 9
5 Terminal Configuration and Functions........................10
5.1 Pin Diagram.............................................................. 10
5.2 Pin Attributes.............................................................13
5.3 Signal Descriptions................................................... 47
5.4 Pin Connectivity Requirements.................................73
6 Specifications................................................................ 74
6.1 Absolute Maximum Ratings...................................... 74
6.2 Electrostatic Discharge (ESD) Extended
Automotive Ratings..................................................... 75
6.3 Electrostatic Discharge (ESD) Industrial Ratings......75
6.4 Power-On Hours (POH) Summary............................75
6.5 Recommended Operating Conditions.......................76
6.6 Operating Performance Points..................................76
6.7 Power Consumption Summary................................. 77
6.8 Electrical Characteristics...........................................78
6.9 VPP Specifications for One-Time Programmable
(OTP) eFuses..............................................................86
6.10 Thermal Resistance Characteristics....................... 87
6.11 Timing and Switching Characteristics..................... 88
6.12 Decoupling Capacitor Requirements.................... 147
7 Detailed Description....................................................148
7.1 Overview................................................................. 148
7.2 Processor Subsystems........................................... 149
8 Applications, Implementation, and Layout............... 150
8.1 Device Connection and Layout Fundamentals....... 150
9 Device and Documentation Support..........................152
9.1 Device Nomenclature..............................................152
9.2 Tools and Software................................................. 156
9.3 Documentation Support.......................................... 156
9.4 Support Resources................................................. 156
9.5 Trademarks.............................................................156
9.6 Electrostatic Discharge Caution..............................157
9.7 Glossary..................................................................157
10 Revision History........................................................ 157
11 Mechanical, Packaging, and Orderable
Information.................................................................. 158
4 Device Comparison
Table 4-1 shows a comparison between devices, highlighting the differences.
Table 4-1. Device Comparison
FEATURES
REFERENCE
NAME
AM263P4
AM263P4-Q1
AM263P2
AM263P2-Q1
AM263P1
AM263P1-Q1
JTAG User ID
DEVICE_ID[31:13](1)
(Base Part Number)
D:
0x30884
0x30844
0x30824
E:
0x30885
0x30845
0x30825
K:
0x3088B
0x3084B
–
L:
0x3088C
0x3084C
–
M:
0x3088D
0x3084D
–
PROCESSORS AND ACCELERATORS
Speed Grade
See Section 6.6, Operating Performance Points
Arm® Cortex-R5F
R5FSS
4 (2× Dual Core w/ Lockstep)
2 (1× Dual Core w/ Lockstep)
1 (Single Core)
Trigonometric Math Unit
TMU
Yes
Hardware Security Module
HSM
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM)
OCSRAM
See Section 6.6, Operating Performance Points
R5F Tightly Coupled Memory (TCM)
TCM
Up to 512KB(10)
PERIPHERALS
Modular Controller Area Network with Full CAN-FD
MCAN
8
General-Purpose I/O
GPIO
Up to 139
Serial Peripheral Interface
SPI
8
Universal Asynchronous Receiver and Transmitter
UART
6
Local Interconnect Network
LIN
5
Inter-Integrated Circuit Interface
I2C
4
Analog-to-Digital Converter
ADC
3(2) or 5(3)
3(2) or 5(3)
3
Resolver (ADC12B3M)(4)
RDC
0(8) or 2(9)
0(8) or 2(9)
0
ADC
0(8) or 2(9)
0(8) or 2(9)
0
Comparator Modules
CMPSS
12(2) or 20(3)
12(2) or 20(3)
12
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com