Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 5 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 5 Page - Texas Instruments

  AM263P2 Datasheet HTML 1Page - Texas Instruments AM263P2 Datasheet HTML 2Page - Texas Instruments AM263P2 Datasheet HTML 3Page - Texas Instruments AM263P2 Datasheet HTML 4Page - Texas Instruments AM263P2 Datasheet HTML 5Page - Texas Instruments AM263P2 Datasheet HTML 6Page - Texas Instruments AM263P2 Datasheet HTML 7Page - Texas Instruments AM263P2 Datasheet HTML 8Page - Texas Instruments AM263P2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 164 page
background image
3.1 Functional Block Diagram
Figure 3-1 is the functional block diagram for the device.
AM263Px
Industrial Connectivity
Realtime Cores
PRU-ICSS
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
Connectivity
Security
Memory
Subsystem
System Services
GPIO
8x MCAN
MMC/SD
8x SPI
5x LIN
6x UART
4x I2C
3-port Gb
Ethernet Switch
(CPSW) w/
IEEE1588
HSM
(Secure Boot)
PKA
Debug
MD5
3DES
AES
Power
Manager
System
Monitor
DMA
Debug
Firewall
IPC
Secure
Boot
DCC
ECC
ESM
Timers
3 MB SRAM
with ECC
TRNG
TMU
TMU
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
TMU
TMU
Sensing and Actuation
16x ECAP
2x 4-ch
SDFM
40x analog
Comparators
(CMPSS)
with
DAC Ref
32x
EHRPWM
12-bit DAC
3x EQEP
5x 6-ch
12-bit ADC
Resolver
Subsystem
including 2x
RDC and 2x
4-ch ADC
Flash
Subsystem
OptiFlash
(A)
OSPI or QSPI
(D)
(C)
UART
ECAP
MDIO
IEP
M4F
128KB TCM
128KB TCM
128KB TCM
128KB TCM
(B)
(B)
(B)
(B)
Cores
Memory
Peripherals
SHA
PRU0
PRU1
Figure 3-1. Functional Block Diagram
A.
AM263Px is available with 4, 2, and 1 core options. Refer to the Device Comparison table for more peripheral specific details.
B.
Each R5F cluster supports 256KB of Tightly-Coupled Memory (TCM). When configured as Single-Core or Lockstep operating mode,
individual cores can utilize all 256KB. While in Dual-Core mode, each core may only utilize its designated half (128KB TCM).
C.
The Resolver subsystem is available for the ZCZ_S and ZCZ_F packages only.
D.
The ZCZ_F package has an internally connected OSPI flash device.
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com