Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 97 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 93Page - Texas Instruments AM263P2 Datasheet HTML 94Page - Texas Instruments AM263P2 Datasheet HTML 95Page - Texas Instruments AM263P2 Datasheet HTML 96Page - Texas Instruments AM263P2 Datasheet HTML 97Page - Texas Instruments AM263P2 Datasheet HTML 98Page - Texas Instruments AM263P2 Datasheet HTML 99Page - Texas Instruments AM263P2 Datasheet HTML 100Page - Texas Instruments AM263P2 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
RGMII[x] RD 3
_
[ :0]
(B)
RGMII[x] RX_CTL
_
(B)
RGMII[x] RXC
_
(A)
RGMII4
RXERR
RXDV
2nd Half-byte
1st Half-byte
RGMII2
RGMII3
RGMII1
RGMII5
A.
RGMII[x]_RXC must be externally delayed relative to the data and control pins.
B.
Data and control information is received using both edges of the clocks. RGMII[x]_RD[3:0] carries data bits 3-0 on the rising edge of
RGMII[x]_RXC and data bits 7-4 on the falling edge of RGMII[x]_RXC. Similarly, RGMII[x]_RX_CTL carries RXDV on rising edge of
RGMII[x]_RXC and RXERR on falling edge of RGMII[x]_RXC.
Figure 6-9. CPSW RGMII[x]_RXC, RGMII[x]_RD[3:0], RGMII[x]_RX_CTL Timing Requirements - RGMII
Mode
6.11.5.1.2.4 CPSW RGMII[x]_TCLK Switching Characteristics - RGMII Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
RGMII6
tc(TXC)
Cycle time, TXC
10Mbps
360
440
ns
100Mbps
36
44
ns
1000Mbps
7.2
8.8
ns
RGMII7
tw(TXCH)
Pulse duration, TXC high
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
RGMII8
tw(TXCL)
Pulse duration, TXC low
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
6.11.5.1.2.5 CPSW RGMII[x]_TD[3:0], and RGMII[x]_TCTL Switching Characteristics - RGMII Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
RGMII9
tosu(TD-TXC)
Output setup time, RGMII[x]_TD[3:0] valid
to RGMII[x]_TXC high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
tosu(TX_CTL-TXC)
Output setup time, RGMII[x]_TX_CTL valid
to RGMII[x]_TXC high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
RGMII10
toh(TXC-TD)
Output hold time, RGMII[x]_TD[3:0] valid
after RGMII[x]_TXC high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
toh(TXC-TX_CTL)
Output hold time, RGMII[x]_TX_CTL valid
after RGMII[x]_TXC high/low
10Mbps
1.2
ns
100Mbps
1.2
ns
1000Mbps
1.2
ns
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com