Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 109 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 109 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 105Page - Texas Instruments ADC3910CSSS Datasheet HTML 106Page - Texas Instruments ADC3910CSSS Datasheet HTML 107Page - Texas Instruments ADC3910CSSS Datasheet HTML 108Page - Texas Instruments ADC3910CSSS Datasheet HTML 109Page - Texas Instruments ADC3910CSSS Datasheet HTML 110Page - Texas Instruments ADC3910CSSS Datasheet HTML 111Page - Texas Instruments ADC3910CSSS Datasheet HTML 112Page - Texas Instruments ADC3910CSSS Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 131 page
background image
Table 6-247. 0x1A1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_WINDOW_SIZE_
CHA__15:8
R/W
0h
Statistics engine window size for channel A. Minimum size is 256
samples. Maximum size is 256 * 216.
6.6.2.157 0x1A2 Register (Address = 1A2h) [Reset = 00h]
Return to the Summary Table.
Table 6-248. 0x1A2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_WINDOW_SIZE_
CHB__7:0
R/W
0h
Statistics engine window size for channel B. Minimum size is 256
samples. Maximum size is 256 * 216.
6.6.2.158 0x1A3 Register (Address = 1A3h) [Reset = 00h]
Return to the Summary Table.
Table 6-249. 0x1A3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_WINDOW_SIZE_
CHB__15:8
R/W
0h
Statistics engine window size for channel B. Minimum size is 256
samples. Maximum size is 256 * 216.
6.6.2.159 0x1A4 Register (Address = 1A4h) [Reset = 00h]
Return to the Summary Table.
Table 6-250. 0x1A4 Register Field Descriptions
Bit
Field
Type
Reset
Description
5
STATS_CHB
R/W
0h
Channel B statistics engine
0b = Statistics engine disabled
1b = Statistics engine enabled
4
STATS_CHA
R/W
0h
Channel A statistics engine
0b = Statistics engine disabled
1b = Statistics engine enabled
3:2
RESERVED
R
0h
1
1SHOT_CHB
R/W
0h
Channel B statistics engine data collection method. By default the
statistics engine is continuously collecting data when enabled. There
is also the option for a single shot (1 window only) data collection.
0b = Continuous data collection
1b = Single shot data collection
0
1SHOT_CHA
R/W
0h
Channel A statistics engine data collection method. By default the
statistics engine is contiguously collecting data when enabled. There
is also the option for a single shot (1 window only) data collection.
0b = Continuous data collection
1b = Single shot data collection
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
109
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com