Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 110 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 110 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 106Page - Texas Instruments ADC3910CSSS Datasheet HTML 107Page - Texas Instruments ADC3910CSSS Datasheet HTML 108Page - Texas Instruments ADC3910CSSS Datasheet HTML 109Page - Texas Instruments ADC3910CSSS Datasheet HTML 110Page - Texas Instruments ADC3910CSSS Datasheet HTML 111Page - Texas Instruments ADC3910CSSS Datasheet HTML 112Page - Texas Instruments ADC3910CSSS Datasheet HTML 113Page - Texas Instruments ADC3910CSSS Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 131 page
background image
6.6.3 Alerts Register Map
Table 6-251. ALERT Registers
Address
Register Name
1AFh
ALERT_PULSE_WIDTH
1B4h
ALERT_INVERT_7:0
1B5h
ALERT_INVERT_15:8
1B6h
ALERT_INVERT_18:16
1C0h
ALERT_TRIG_7:0
1C1h
ALERT_TRIG_15:8
1C2h
ALERT_TRIG_18:16
1CCh
ALERT_STICKY_7:0
1CDh
ALERT_STICKY_15:8
1CEh
ALERT_STICKY_18:16
1D8h
ALERT_STICKY_CLR_7:0
1D9h
ALERT_STICKY_CLR_15:8
1DAh
ALERT_STICKY_CLR_18:16
1E4h
ALERT_CNT_7:0
1E5h
ALERT_CNT_15:8
1EAh
ALERT_CNT
1ECh
ALERT_THRESHOLD_7:0
1EDh
ALERT_THRESHOLD_15:8
6.6.3.1 0x1AF Register (Address = 1AFh) [Reset = 00h]
Return to the Summary Table.
Table 6-252. 0x1AF Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_PULSE_WIDTH
R/W
0h
ALERT pulse width = 2ALERTPULSE WIDTH + 1 CLK cycles. Minimum
width is 1 CLK cycle.
6.6.3.2 0x1B4 Register (Address = 1B4h) [Reset = 00h]
Return to the Summary Table.
Table 6-253. 0x1B4 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_INVERT__7:0
R/W
0h
Invert signals routed to ALERT pin. This register is a mask so
multiple signals can be inverted simultaneously by enabling the
corresponding bit. Bit 0: Equal to THRESHOLD HI CHA Bit 1:
Greater than THRESHOLD HI CHA Bit 2: Less than THRESHOLD
LO CHA Bit 3: All ones Bit 4: All zeros Bit 5: Less than THRESHOLD
HI CHA Bit 6: Greater than THRESHOLD LO CHA Bit 7: Equal to
THRESHOLD HI CHB Bit 8: Greater than THRESHOLD HI CHB
Bit 9: Less than THRESHOLD LO CHB Bit 10: All ones Bit 11: All
zeros Bit 12: Less than THRESHOLD HI CHB Bit 13: Greater than
THRESHOLD LO CHB Bit 14: ADC channel A overrange Bit 15:
ADC channel B overrange Bit 16: Statistics engine window complete
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
110
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com