Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 128 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 128 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 123Page - Texas Instruments ADC3910CSSS Datasheet HTML 124Page - Texas Instruments ADC3910CSSS Datasheet HTML 125Page - Texas Instruments ADC3910CSSS Datasheet HTML 126Page - Texas Instruments ADC3910CSSS Datasheet HTML 127Page - Texas Instruments ADC3910CSSS Datasheet HTML 128Page - Texas Instruments ADC3910CSSS Datasheet HTML 129Page - Texas Instruments ADC3910CSSS Datasheet HTML 130Page - Texas Instruments ADC3910CSSS Datasheet HTML 131Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 128 / 131 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.25
0.15
2.8 0.05
32X
0.45
0.25
1 MAX
(0.2) TYP
0.05
0.00
28X 0.4
2X
2.8
2X 2.8
A
4.1
3.9
B
4.1
3.9
0.25
0.15
0.45
0.25
4X (0.45)
(0.1)
VQFN - 1 mm max height
RSM0032B
PLASTIC QUAD FLATPACK - NO LEAD
4219108/B 08/2019
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
8
17
24
9
16
32
25
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
DETAIL
SEE TERMINAL
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
33
SEE SIDE WALL
DETAIL
SIDE WALL DETAIL
OPTIONAL METAL THICKNESS
SCALE 3.000
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com