Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
22
Freescale Semiconductor
Ethernet: Three-Speed,10/100, MII Management
8 Ethernet: Three-Speed,10/100, MII Management
This section provides the AC and DC electrical characteristics for three-speed, 10/100, and MII
management.
8.1 Three-Speed Ethernet Controller (TSEC)
(10/100/1Gb Mbps)—GMII/MII/TBI/RGMII/RTBI Electrical
Characteristics
The electrical characteristics specified here apply to all GMII (gigabit media independent interface), MII
(media independent interface), TBI (ten-bit interface), RGMII (reduced gigabit media independent
interface), and RTBI (reduced ten-bit interface) signals except MDIO (management data input/output) and
MDC (management data clock). The RGMII and RTBI interfaces are defined for 2.5 V, while the GMII,
MII, and TBI interfaces can be operated at 3.3 or 2.5 V. Whether the GMII, MII, or TBI interface is
operated at 3.3 or 2.5 V, the timing is compliant with the IEEE 802.3 standard. The RGMII and RTBI
interfaces follow the Hewlett-Packard reduced pin-count interface for Gigabit Ethernet Physical Layer
Device Specification Version 1.2a (9/22/2000). The electrical characteristics for MDIO and MDC are
specified in Section 8.4, “Ethernet Management Interface Electrical Characteristics.”
8.1.1 TSEC DC Electrical Characteristics
All GMII, MII, TBI, RGMII, and RTBI drivers and receivers comply with the DC parametric attributes
specified in Table 21 and Table 22. The potential applied to the input of a GMII, MII, TBI, RGMII, or
RTBI receiver may exceed the potential of the receiver’s power supply (i.e., a GMII driver powered from
a 3.6 V supply driving VOH into a GMII receiver powered from a 2.5 V supply). Tolerance for dissimilar
GMII driver and receiver supply potentials is implicit in these specifications. The RGMII and RTBI signals
are based on a 2.5 V CMOS interface voltage as defined by JEDEC EIA/JESD8-5.
Table 21. GMII, MII, and TBI DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3 V
LVDD
3.13
3.47
V
Output high voltage
(LVDD = Min, IOH = –4.0 mA)
VOH
2.40
LVDD + 0.3
V
Output low voltage
(LVDD = Min, IOL = 4.0 mA)
VOL
GND
0.50
V
Input high voltage
VIH
1.70
LVDD + 0.3
V
Input low voltage
VIL
–0.3
0.90
V
Input high current
(VIN
1 = LV
DD)
IIH
—40
μA
Input low current
(VIN
1 = GND)
IIL
–600
—
μA
Note:
1.The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com