Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
24
Freescale Semiconductor
Ethernet: Three-Speed,10/100, MII Management
Figure 6 shows the GMII transmit AC timing diagram.
Figure 6. GMII Transmit AC Timing Diagram
8.2.1.2
GMII Receive AC Timing Specifications
Table 24 provides the GMII receive AC timing specifications.
GTX_CLK data clock rise and fall time
tGTXR, tGTXF
2,4
——
1.0
ns
Notes:
1. The symbols used for timing specifications herein follow the pattern t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV
symbolizes GMII transmit timing (GT) with respect to the tGTX clock reference (K) going to the high state (H) relative
to the time date input signals (D) reaching the valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII
transmit timing (GT) with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date
input signals (D) going invalid (X) or hold time. Note that, in general, the clock reference symbol representation is
based on three letters representing the clock of a particular functional. For example, the subscript of tGTX represents
the GMII(G) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R
(rise) or F (fall).
2.Signal timings are measured at 0.7 V and 1.9 V voltage levels.
3.Guaranteed by characterization.
4.Guaranteed by design.
Table 24. GMII Receive AC Timing Specifications
At recommended operating conditions with LVDD of 3.3 V ± 5%, or LVDD=2.5V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
RX_CLK clock period
tGRX
—8.0
—
ns
RX_CLK duty cycle
tGRXH/tGRX
40
—
60
ns
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tGRDXKH
0.5
—
—
ns
Table 23. GMII Transmit AC Timing Specifications (continued)
At recommended operating conditions with LVDD of 3.3 V ± 5%, or LVDD=2.5V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
tGTKHDV
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com