Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
90
Freescale Semiconductor
System Design Information
17.3 Decoupling Recommendations
Due to large address and data buses, and high operating frequencies, the MPC8540 can generate transient
power surges and high frequency noise in its power supply, especially while driving large capacitive loads.
This noise must be prevented from reaching other components in the MPC8540 system, and the MPC8540
itself requires a clean, tightly regulated source of power. Therefore, it is recommended that the system
designer place at least one decoupling capacitor at each VDD, OVDD, GVDD, and LVDD pins of the
MPC8540. These decoupling capacitors should receive their power from separate VDD, OVDD, GVDD,
LVDD, and GND power planes in the PCB, utilizing short traces to minimize inductance. Capacitors may
be placed directly under the device using a standard escape pattern. Others may surround the part.
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic SMT (surface mount technology)
capacitors should be used to minimize lead inductance, preferably 0402 or 0603 sizes.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB,
feeding the VDD, OVDD, GVDD, and LVDD planes, to enable quick recharging of the smaller chip
capacitors. These bulk capacitors should have a low ESR (equivalent series resistance) rating to ensure the
quick response time necessary. They should also be connected to the power and ground planes through two
vias to minimize inductance. Suggested bulk capacitors—100–330 µF (AVX TPS tantalum or Sanyo
OSCON).
17.4 Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. Unused active low inputs should be tied to OVDD, GVDD, or LVDD as required. Unused active high
inputs should be connected to GND. All NC (no-connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD, GVDD, LVDD, OVDD, and GND pins of
the MPC8540.
17.5 Output Buffer DC Impedance
The MPC8540 drivers are characterized over process, voltage, and temperature. There are two driver
types: a push-pull single-ended driver (open drain for I2C) for all buses except RapidIO, and a
current-steering differential driver for the RapidIO port.
To measure Z0 for the single-ended drivers, an external resistor is connected from the chip pad to OVDD
or GND. Then, the value of each resistor is varied until the pad voltage is OVDD/2 (see Figure 52). The
output impedance is the average of two components, the resistances of the pull-up and pull-down devices.
When data is held high, SW1 is closed (SW2 is open) and RP is trimmed until the voltage at the pad equals
OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN are designed to be close to each
other in value. Then, Z0 = (RP + RN)/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com