Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
15
RESET Initialization
4.3 RapidIO Transmit Clock Input Timing
Table 9 provides the RapidIO transmit clock input (RIO_TX_CLK_IN) AC timing specifications for the
MPC8540.
4.4 Real Time Clock Timing
Table 10 provides the real time clock (RTC) AC timing specifications for the MPC8540.
5 RESET Initialization
This section describes the AC electrical specifications for the RESET initialization timing requirements of
the MPC8540. Table 7 provides the RESET initialization AC timing specifications for the MPC8540.
Table 9. RIO_TX_CLK_IN AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
RIO_TX_CLK_IN frequency
fRCLK
125
—
—
MHz
RIO_TX_CLK_IN cycle time
tRCLK
——
8
ns
RIO_TX_CLK_IN duty cycle
tRCLKH/tRCLK
48
—
52
%
1
Notes:
1. Requires
±100 ppm long term frequency stability. Timing is guaranteed by design and characterization.
Table 10. RTC AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
RTC clock high time
tRTCH
2 x
tCCB_CLK
——
ns
RTC clock low time
tRTCL
2 x
tCCB_CLK
——
ns
Table 11. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET
100
—
μs
Minimum assertion time for SRESET
512
—
SYSCLKs
1
PLL input setup time with stable SYSCLK before
HRESET negation
100
—
μs
Input setup time for POR configs (other than PLL config)
with respect to negation of HRESET
4
—
SYSCLKs
1
Input hold time for POR configs (including PLL config)
with respect to negation of HRESET
2
—
SYSCLKs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com