Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
82
Freescale Semiconductor
Thermal
Figure 45. MPC8540 Thermal Model
16.2.2 Internal Package Conduction Resistance
For the packaging technology, shown in Table 59, the intrinsic internal conduction thermal resistance paths
are as follows:
•
The die junction-to-case thermal resistance
•
The die junction-to-board thermal resistance
Figure 46 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Die
Lid
Substrate and solder balls
Heat Source
Substrate
Side View of Model (Not to Scale)
Top View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Lid
(12
× 14 × 1 mm)
kx
360
W/(m
× K)
ky
360
kz
360
Lid Adhesive—Collapsed resistance
(10
× 12 × 0.050 mm)
kx
1
ky
1
kz
1
Die
(10
× 12 × 0.76 mm)
Bump/Underfill—Collapsed resistance
(10
× 12 × 0.070 mm)
kx
0.6
ky
0.6
kz
1.9
Substrate and Solder Balls
(29
× 29 × 1.47 mm)
kx
10.2
ky
10.2
kz
1.6
Adhesive
Bump/underfill



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com