Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
11
Power Characteristics
2.1.4 Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
3 Power Characteristics
The estimated power dissipation on the VDD supply for the MPC8540 is shown in Table 4.
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
Local bus interface utilities signals
25
OVDD = 3.3 V
1
42 (default)
PCI signals
25
2
42 (default)
DDR signal
20
GVDD = 2.5 V
TSEC/10/100 signals
42
LVDD = 2.5/3.3 V
DUART, system control, I2C, JTAG
42
OVDD = 3.3 V
RapidIO N/A (LVDS signaling)
N/A
Notes:
1. The drive strength of the local bus interface is determined by the configuration of the appropriate bits in
PORIMPSCR.
2. The drive strength of the PCI interface is determined by the setting of the PCI_GNT1 signal at reset.
Table 4. MPC8540 VDD Power Dissipation
1,2
CCB Frequency
(MHz)
Core
Frequency (MHz)
Typical Power3,4
Maximum
Power5
Unit
200
400
4.6
7.2
W
500
4.9
7.5
600
5.3
7.9
267
533
5.5
8.2
W
667
5.9
8.7
800
6.4
10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com