Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
65
RapidIO
Figure 41 shows the definitions of the data to clock static skew parameter tSKEW,PAIR and the data valid
window parameter DV. The data and frame bits are those that are associated with the clock. The figure
applies for all zero-crossings of the clock. All of the signals are differential signals. VD represents VOD for
the transmitter and VID for the receiver. The center of the eye is defined as the midpoint of the region in
which the magnitude of the signal voltage is greater than or equal to the minimum DV voltage.
Figure 41. Data to Clock Skew
Figure 42 shows the definition of the data to data static skew parameter tDPAIR and how the skew
parameters are applied.
Figure 42. Static Skew Diagram
VD Clock x
tSKEW,PAIR
1.0 UI Nominal
0.5 UI
0.5 DV
0.5 DV
Eye Opening
DV
VHDmim
VHDmim
VD = 0 V
VD = 0 V
VD Clock x
D[0:7]/D[8:15], FRAME
CLK0 (CLK1)
1.0 UI Nominal
0.5 UI
tDPAIR
tSKEW,PAIR
Center Point for Clock
D[0:7]/D[8:15], FRAME
Center point of the
data valid window of
the latest allowed data
bit for data grouped
late with respect
to clock
Center point of the
data valid window of
the earliest allowed data
bit for data grouped
late with respect
to clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com