Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
55
RapidIO
Common mode offset voltage
ΔV
OSCM
—50
mV
1, 6
Differential termination
RTERM
90
220
W
Short circuit current (either output)
|ISS|—
24
mA
7
Bridged short circuit current
|ISB|—
12
mA
8
Notes:
1.Bridged 100-
Ω load.
2.See Figure 34(a).
3.Differential offset voltage = |VOHD+VOLD|. See Figure 34(b).
4.VOHCM = (VOA + VOB)/2 when measuring VOHD.
5.VOLCM = (VOA + VOB)/2 when measuring VOLD.
6.Common mode offset
ΔV
OSCM = |VOHCM – VOLCM|. See Figure 34(c).
7.Outputs shorted to VDD or GND.
8.Outputs shorted together.
Table 46. RapidIO 8/16 LP-LVDS Receiver DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Notes
Voltage at either input
VI
02.4
V
Differential input high voltage
VIHD
100
600
mV
1
Differential input low voltage
VILD
–600
–100
mV
1
Common mode input range (referenced to receiver
ground)
VICM
0.050
2.350
V
2
Input differential resistance
RIN
90
110
W
Notes:
1.Over the common mode range.
2.Limited by VI. See Figure 41.
Table 45. RapidIO 8/16 LP-LVDS Driver DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Characteristic
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com