Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
30
Freescale Semiconductor
Ethernet: Three-Speed,10/100, MII Management
8.2.4 RGMII and RTBI AC Timing Specifications
Table 29 presents the RGMII and RTBI AC timing specifications.
Table 29. RGMII and RTBI AC Timing Specifications
At recommended operating conditions with LVDD of 2.5 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKRGT
5
–500
0
500
ps
Data to clock input skew (at receiver) 2
tSKRGT
1.0
—
2.8
ns
Clock period3
tRGT
6
7.2
8.0
8.8
ns
Duty cycle for 1000Base-T 4
tRGTH/tRGT
6
45
50
55
%
Duty cycle for 10BASE-T and 100BASE-TX 3
tRGTH/tRGT
6
40
50
60
%
Rise and fall time
tRGTR, tRGTF
6,7
—
—
0.75
ns
Notes:
1.Note that, in general, the clock reference symbol representation for this section is based on the symbols RGT to
represent RGMII and RTBI timing. For example, the subscript of tRGT represents the TBI (T) receive (RX) clock. Note
also that the notation for rise (R) and fall (F) times follows the clock symbol that is being represented. For symbols
representing skews, the subscript is skew (SK) followed by the clock that is being skewed (RGT).
2.The RGMII specification requires that PC board designer add 1.5 ns or greater in trace delay to the RX_CLK in order to
meet this specification. However, as stated above, this device will function with only 1.0 ns of delay.
3.For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4.Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains
as long as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest
speed transitioned between.
5.Guaranteed by characterization.
6.Guaranteed by design.
7.Signal timings are measured at 0.5 V and 2.0 V voltage levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com