Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
79
Thermal
16 Thermal
This section describes the thermal specifications of the MPC8540.
16.1 Thermal Characteristics
Table 59 provides the package thermal characteristics for the MPC8540.
16.2 Thermal Management Information
This section provides thermal management information for the flip chip plastic ball grid array (FC-PBGA)
package for air-cooled applications. Proper thermal control design is primarily dependent on the
system-level design—the heat sink, airflow, and thermal interface material. The recommended attachment
method to the heat sink is illustrated in Figure 44. The heat sink should be attached to the printed-circuit
board with the spring force centered over the die. This spring force should not exceed 10 pounds force.
Table 59. Package Thermal Characteristics
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient Natural Convection on four layer board (2s2p)
RθJMA
16
°C/W
1, 2
Junction-to-ambient (@100 ft/min or 0.5 m/s) on four layer board (2s2p)
RθJMA
14
°C/W
1, 2
Junction-to-ambient (@200 ft/min or 1 m/s) on four layer board (2s2p)
RθJMA
12
•C/W
1, 2
Junction-to-board thermal
RθJB
7.5
•C/W
3
Junction-to-case thermal
RθJC
0.8
•C/W
4
Notes
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and
board thermal resistance
2. Per JEDEC JESD51-6 with the board horizontal.
3. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1). Cold plate temperature is used for case temperature; measured value includes the thermal
resistance of the interface layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com