Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
33
Ethernet: Three-Speed,10/100, MII Management
Figure 14 shows the MII transmit AC timing diagram.
Figure 14. MII Transmit AC Timing Diagram
8.3.2.2
MII Receive AC Timing Specifications
Table 32 provides the MII receive AC timing specifications.
Table 32. MII Receive AC Timing Specifications
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
RX_CLK clock period 10 Mbps
tMRX
—400
—
ns
RX_CLK clock period 100 Mbps
tMRX
—40—
ns
RX_CLK duty cycle
tMRXH/tMRX
35
—
65
%
RXD[7:0], TX_DV, TX_ER setup time to RX_CLK
tMRDVKH
10.0
—
—
ns
RXD[7:0], TX_DV, TX_ER hold time to RX_CLK
tMRDXKH
10.0
—
—
ns
RX_CLK clock rise and fall time
tMRXR, tMRXF
2,3
1.0
—
4.0
ns
Note:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMRDVKH
symbolizes MII receive timing (MR) with respect to the time data input signals (D) reach the valid state (V) relative to
the tMRX clock reference (K) going to the high (H) state or setup time. Also, tMRDXKH symbolizes MII receive timing
(GR) with respect to the time data input signals (D) went invalid (X) relative to the tMRX clock reference (K) going to
the high (H) state or hold time. Note that, in general, the clock reference symbol representation is based on two to
three letters representing the clock of a particular functional. For example, the subscript of tMRX represents the MII
(M) receive (RX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F
(fall).
2.Signal timings are measured at 0.7 V and 1.9 V voltage levels.
3.Guaranteed by design.
TX_CLK
TXD[3:0]
tMTKHDX
tMTX
tMTXH
tMTXR
tMTXF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com