Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
98
Freescale Semiconductor
Document Revision History
3.0
Table 1—Corrected MII management voltage reference
Section 2.1.3—New
Table 2—Corrected MII management voltage reference
Table 4—Added VDD power table
Table 5—Added AVDD power table
Table 7—New
Table 8—New
Table 9—New
Table 13—Added overshoot/undershoot note.
Figure 3—New
Table 16—Restated tMCKSKEW1 as tMCKSKEW, removed tMCKSKEW2; added speed-specific minimum values for
333, 266, and 200 MHz; updated tDDSHME values.
Updated chapter to reflect that GMII, MII and TBI can be run with 2.5V signalling.
Table 34—Added MDIO output valid timing
Table 36—Updated tLBIVKH1, tLBIXKH1, and tLBOTOT.
Table 37—New
Table 19, Table 21, Table 23—Updated clock reference
Table 44—Updated tPCIVKH
Section 14.1— Changed minimum height from 2.22 to 3.07 and maximum from 2.76 to 3.75
Table 53.—Updated MII management voltage reference and added note 20.
Section 16.2.4.1—Changed
θ
JC from 0.3 to 0.8; changed die-junction temperature from 67
to 71
Section 17.7—Added paragraph that begins “TSEC1_TXD[3:0]...”
Table 61. Document Revision History (continued)
Rev. No.
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com