Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
78
Freescale Semiconductor
Clocking
15.4 Frequency Options
Table 58 shows the expected frequency values for the platform frequency when using a CCB to SYSCLK
ratio in comparison to the memory bus speed.
Table 58. Frequency Options with Respect to Memory Bus Speeds
CCB to
SYSCLK
Ratio
SYSCLK (MHz)
16.67
25
33.33
41.63
66.67
83
100
111
133.33
Platform/CCB Frequency (MHz)
2
200
222
267
3
200
250
300
333
4
267
333
5
208
333
6
200
250
8
200
267
333
9
225
300
10
250
333
12
200
300
16
267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com