Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
25
Ethernet: Three-Speed,10/100, MII Management
Figure 7 provides the AC test load for TSEC.
Figure 7. TSEC AC Test Load
Figure 8 shows the GMII receive AC timing diagram.
Figure 8. GMII Receive AC Timing Diagram
RX_CLK clock rise and fall time
tGRXR, tGRXF
2,3
——
1.0
ns
Note:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGRDVKH
symbolizes GMII receive timing (GR) with respect to the time data input signals (D) reaching the valid state (V) relative
to the tRX clock reference (K) going to the high state (H) or setup time. Also, tGRDXKL symbolizes GMII receive timing
(GR) with respect to the time data input signals (D) went invalid (X) relative to the tGRX clock reference (K) going to
the low (L) state or hold time. Note that, in general, the clock reference symbol representation is based on three letters
representing the clock of a particular functional. For example, the subscript of tGRX represents the GMII (G) receive
(RX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2.Signal timings are measured at 0.7 V and 1.9 V voltage levels.
3.Guaranteed by design.
Table 24. GMII Receive AC Timing Specifications (continued)
At recommended operating conditions with LVDD of 3.3 V ± 5%, or LVDD=2.5V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Output
LVDD/2
RL = 50 Ω
Z0 = 50 Ω
RX_CLK
RXD[7:0]
tGRDXKH
tGRX
tGRXH
tGRXR
tGRXF
tGRDVKH
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com