Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
58
Freescale Semiconductor
RapidIO
Figure 36. Example Compliance Mask
Y = minimum data valid amplitude
Z = maximum amplitude
1 UI = 1 unit interval = 1/baud rate
X1 = end of zero crossing region
X2 = beginning of data valid window
DV = data valid window = 1 – 2
× X2
The waveform of the signal under test must fall within the unshaded area of the mask to be compliant.
Different masks are used for the driver output and the receiver input allowing each to be separately
specified.
13.3.1 RapidIO Driver AC Timing Specifications
Driver AC timing specifications are provided in Table 47, Table 48, and Table 49. A driver shall comply
with the specifications for each data rate/frequency for which operation of the driver is specified. Unless
otherwise specified, these specifications are subject to the following conditions.
•
The specifications apply over the supply voltage and ambient temperature ranges specified by the
device vendor.
•
The specifications apply for any combination of data patterns on the data signals.
•
The output of a driver shall be connected to a 100
Ω, ±1%, differential (bridged) resistive load.
•
Clock specifications apply only to clock signals.
•
Data specifications apply only to data signals (FRAME, D[0:7]).
Table 47. RapidIO Driver AC Timing Specifications—500 Mbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential output high voltage
VOHD
200
540
mV
1
Differential output low voltage
VOLD
–540
–200
mV
1
X2
Z
0
Y
–Y
–Z
1–X2
DV
Time (UI)
01
X1
1–X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com