Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
63
RapidIO
The compliance of receiver input signals RD[0:15] and RFRAME with their minimum data valid window
(DV) specification shall be determined by generating an eye pattern for each of the data signals and
comparing the eye pattern of each data signal with the RapidIO receive mask shown in Figure 39. The
value of X2 used to construct the mask shall be (1 – DVmin)/2. The ±100 mV minimum data valid and
±600 mV maximum input voltage values are from the DC specification. A signal is compliant with the data
valid window specification if and only if the receive mask can be positioned on the signal’s eye pattern
such that the eye pattern falls entirely within the unshaded portion of the mask.
Figure 39. RapidIO Receive Mask
The eye pattern for a data signal is generated by making a large number of recordings of the signal and
then overlaying the recordings. The number of recordings used to generate the eye shall be large enough
that further increasing the number of recordings used does not cause the resulting eye pattern to change
from one that complies with the RapidIO receive mask to one that does not. Each data signal in the
interface shall be carrying random or pseudo-random data when the recordings are made. If
pseudo-random data is used, the length of the pseudo-random sequence (repeat length) shall be long
Table 52. RapidIO Receiver AC Timing Specifications—1 Gbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Duty cycle of the clock input
DC
47
53
%
1, 5
Data valid
DV
425
—
ps
2
Allowable static skew between any two data inputs
within a 8-/9-bit group
tDPAIR
—
300
ps
3
Allowable static skew of data inputs to associated clock
tSKEW,PAIR
–200
200
ps
4
Notes:
1.Measured at VID = 0 V.
2.Measured using the RapidIO receive mask shown in Figure 39.
3.See Figure 42.
4.See Figure 41 and Figure 42.
5.Guaranteed by design.
X2
600
0
100
–100
–600
1–X2
DV
Time (UI)
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com