Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
28
Freescale Semiconductor
Ethernet: Three-Speed,10/100, MII Management
8.2.3 TBI AC Timing Specifications
This section describes the TBI transmit and receive AC timing specifications.
8.2.3.1
TBI Transmit AC Timing Specifications
Table 27 provides the TBI transmit AC timing specifications.
Figure 11 shows the TBI transmit AC timing diagram.
Figure 11. TBI Transmit AC Timing Diagram
Table 27. TBI Transmit AC Timing Specifications
At recommended operating conditions with LVDD of 3.3 V ± 5%, or LVDD=2.5V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
GTX_CLK clock period
tTTX
—8.0
—
ns
GTX_CLK duty cycle
tTTXH/tTTX
40
—
60
%
TCG[9:0] setup time GTX_CLK going high
tTTKHDV
2.0
—
—
ns
TCG[9:0] hold time from GTX_CLK going high
tTTKHDX
1.0
—
—
ns
GTX_CLK clock rise and fall time
tTTXR, tTTXF
2,3
——
1.0
ns
Notes:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state
)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTTKHDV
symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data
signals (D) reach the valid state (V) or setup time. Also, tTTKHDX symbolizes the TBI transmit timing (TT) with respect
to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the invalid state (X) or hold time.
Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a
particular functional. For example, the subscript of tTTX represents the TBI (T) transmit (TX) clock. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2.Signal timings are measured at 0.7 V and 1.9 V voltage levels.
3.Guaranteed by design.
GTX_CLK
TCG[9:0]
tTTX
tTTXH
tTTXR
tTTXF
tTTKHDV
tTTKHDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com