Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 51Page - STMicroelectronics ST7LITE49M Datasheet HTML 52Page - STMicroelectronics ST7LITE49M Datasheet HTML 53Page - STMicroelectronics ST7LITE49M Datasheet HTML 54Page - STMicroelectronics ST7LITE49M Datasheet HTML 55Page - STMicroelectronics ST7LITE49M Datasheet HTML 56Page - STMicroelectronics ST7LITE49M Datasheet HTML 57Page - STMicroelectronics ST7LITE49M Datasheet HTML 58Page - STMicroelectronics ST7LITE49M Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 188 page
background image
ST7LITE49M
Interrupts
55/188
8.5
Description of interrupt registers
8.5.1
CPU CC register interrupt bits
Reset value: 111x 1010(xAh)
Bit 5, 3 = I1, I0 Software Interrupt Priority bits
These two bits indicate the current interrupt software priority (see Table 14).
These two bits are set/cleared by hardware when entering in interrupt. The loaded
value is given by the corresponding bits in the interrupt software priority registers
(ISPRx).
They can be also set/cleared by software with the RIM, SIM, HALT, WFI, IRET and
PUSH/POP instructions (see Table 16: Dedicated interrupt instruction set).
TRAP and RESET events can interrupt a level 3 program.
8.5.2
Interrupt software priority registers (ISPRx)
All ISPRx register bits are read/write except bit 7:4 of ISPR3 which are read only.
Reset value: 1111 1111 (FFh)
ISPRx registers contain the interrupt software priority of each interrupt vector. Each interrupt
vector (except RESET and TRAP) has corresponding bits in these registers to define its
software priority. This correspondence is shown in Table 15.
Each I1_x and I0_x bit value in the ISPRx registers has the same meaning as the I1 and I0
bits in the CC register.
7
0
11
I1
H
I0
N
Z
C
Read/write
Table 14.
Setting the interrupt software priority
Interrupt software priority
Level
I1
I0
Level 0 (main)
Low
High
10
Level 1
0
1
Level 2
0
Level 3 (= interrupt disable*)
1
1
70
ISPR0
I1_3
I0_3
I1_2
I0_2
I1_1
I0_1
I1_0
I0_0
ISPR1
I1_7
I0_7
I1_6
I0_6
I1_5
I0_5
I1_4
I0_4
ISPR2
I1_11
I0_11
I1_10
I0_10
I1_9
I0_9
I1_8
I0_8
ISPR3
111
111
I1_12
I0_12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com