Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 18Page - STMicroelectronics ST7LITE49M Datasheet HTML 19Page - STMicroelectronics ST7LITE49M Datasheet HTML 20Page - STMicroelectronics ST7LITE49M Datasheet HTML 21Page - STMicroelectronics ST7LITE49M Datasheet HTML 22Page - STMicroelectronics ST7LITE49M Datasheet HTML 23Page - STMicroelectronics ST7LITE49M Datasheet HTML 24Page - STMicroelectronics ST7LITE49M Datasheet HTML 25Page - STMicroelectronics ST7LITE49M Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 188 page
background image
Flash programmable memory
ST7LITE49M
22/188
Depending on the ICP Driver code downloaded in RAM, Flash memory programming can
be fully customized (number of bytes to program, program locations, or selection of the
serial communication interface for downloading).
4.3.2
In Application Programming (IAP)
This mode uses an IAP Driver program previously programmed in Sector 0 by the user (in
ICP mode).
This mode is fully controlled by user software. This allows it to be adapted to the user
application, (user-defined strategy for entering programming mode, choice of
communications protocol used to fetch the data to be stored etc.)
IAP mode can be used to program any memory areas except Sector 0, which is Write/Erase
protected to allow recovery in case errors occur during the programming operation.
4.4
ICC interface
ICP needs a minimum of 4 and up to 6 pins to be connected to the programming tool. These
pins are:
●
RESET: device reset
●
VSS: device power supply ground
●
ICCCLK: ICC output serial clock pin
●
ICCDATA: ICC input serial data pin
●
OSC1: main clock input for external source
●
VDD: application board power supply (optional, see Note 3)
If the ICCCLK or ICCDATA pins are only used as outputs in the application, no signal
isolation is necessary. As soon as the Programming Tool is plugged to the board, even if an
ICC session is not in progress, the ICCCLK and ICCDATA pins are not available for the
application. If they are used as inputs by the application, isolation such as a serial resistor
has to be implemented in case another device forces the signal. Refer to the Programming
Tool documentation for recommended resistor values.
During the ICP session, the programming tool must control the RESET pin. This can lead to
conflicts between the programming tool and the application reset circuit if it drives more than
5mA at high level (push pull output or pull-up resistor<1 k
Ω). A schottky diode can be used
to isolate the application RESET circuit in this case. When using a classical RC network with
R>1 k
Ω or a reset management IC with open drain output and pull-up resistor>1 kΩ, no
additional components are needed. In all cases the user must ensure that no external reset
is generated by the application during the ICC session.
The use of pin 7 of the ICC connector depends on the Programming Tool architecture. This
pin must be connected when using most ST Programming Tools (it is used to monitor the
application power supply). Please refer to the Programming Tool manual.
Pin 9 has to be connected to the PB1/CLKIN pin of the ST7 when the clock is not available
in the application or if the selected clock option is not programmed in the option byte. ST7
devices with multi-oscillator capability need to have OSC2 grounded in this case.
In 38-pulse ICC mode, the internal RC oscillator is forced as a clock source, regardless of
the selection in the option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com