Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 35Page - STMicroelectronics ST7LITE49M Datasheet HTML 36Page - STMicroelectronics ST7LITE49M Datasheet HTML 37Page - STMicroelectronics ST7LITE49M Datasheet HTML 38Page - STMicroelectronics ST7LITE49M Datasheet HTML 39Page - STMicroelectronics ST7LITE49M Datasheet HTML 40Page - STMicroelectronics ST7LITE49M Datasheet HTML 41Page - STMicroelectronics ST7LITE49M Datasheet HTML 42Page - STMicroelectronics ST7LITE49M Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 188 page
background image
ST7LITE49M
Supply, reset and clock management
39/188
7.3
Reset sequence manager (RSM)
7.3.1
Introduction
The reset sequence manager includes three RESET sources as shown in Figure 15:
External RESET source pulse
Internal LVD RESET (Low Voltage Detection)
Internal WATCHDOG RESET
Note:
A reset can also be triggered following the detection of an illegal opcode or prebyte code.
Refer to Section 12.2.1 on page 139 for further details.
These sources act on the RESET pin and it is always kept low during the delay phase.
The RESET service routine vector is fixed at addresses FFFEh-FFFFh in the ST7 memory
mapping.
The basic RESET sequence consists of 3 phases as shown in Figure 14:
Active Phase depending on the RESET source
256 or 4096 CPU clock cycle delay (see Table 7)
Caution:
When the ST7 is unprogrammed or fully erased, the Flash is blank and the Reset vector is
not programmed. For this reason, it is recommended to keep the RESET pin in low state
until programming mode is entered, in order to avoid unwanted behavior.
The 256 or 4096 CPU clock cycle delay allows the oscillator to stabilize and ensures that
recovery has taken place from the Reset state. The shorter or longer clock cycle delay is
automatically selected depending on the clock source chosen by option byte.
The Reset vector fetch phase duration is 2 clock cycles.
Figure 14.
RESET sequence phases
Table 7.
CPU clock delay during Reset sequence
Clock source
CPU clock
cycle delay
Internal RC 8MHz Oscillator
4096
Internal RC 32kHz Oscillator
256
External clock (connected to CLKIN/PB1 pin)
4096
External Crystal/Ceramic Oscillator
(connected to OSC1/OSC2 pins)
4096
External Crystal/Ceramic 1-16MHz
Oscillator
4096
External Crystal/Ceramic 32kHz
Oscillator
256
RESET
Active Phase
INTERNAL RESET
256 or 4096 CLOCK CYCLES
FETCH
VECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com