Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 94Page - STMicroelectronics ST7LITE49M Datasheet HTML 95Page - STMicroelectronics ST7LITE49M Datasheet HTML 96Page - STMicroelectronics ST7LITE49M Datasheet HTML 97Page - STMicroelectronics ST7LITE49M Datasheet HTML 98Page - STMicroelectronics ST7LITE49M Datasheet HTML 99Page - STMicroelectronics ST7LITE49M Datasheet HTML 100Page - STMicroelectronics ST7LITE49M Datasheet HTML 101Page - STMicroelectronics ST7LITE49M Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 188 page
background image
On-chip peripherals
ST7LITE49M
98/188
Bit 1 = OPx PWMx Output Polarity bit
This bit is read/write by software and cleared by hardware after a reset. This bit selects
the polarity of the PWM signal.
0: The PWM signal is not inverted.
1: The PWM signal is inverted.
Bit 0 = CMPFx PWMx Compare flag
This bit is set by hardware and cleared by software by reading the PWMxCSR register.
It indicates that the upcounter value matches the Active DCRx register value.
0: Upcounter value does not match DCRx value.
1: Upcounter value matches DCRx value.
Break Control register (BREAKCR)
Reset value: 0000 0000 (00h)
Bit 7 = Reserved.
Bit 6 = BREDGE Break Input Edge Selection bit
This bit is read/write by software and cleared by hardware after reset. It selects the
active level of Break signal.
0: Low level of Break selected as active level
1: High level of Break selected as active level
Bit 5 = BA Break Active bit
This bit is read/write by software, cleared by hardware after reset and set by hardware
when the active level defined by the BREDGE bit is applied on the BREAK pin. It
activates/deactivates the Break function.
0: Break not active
1: Break active
Bit 4 = BPEN Break Pin Enable bit
This bit is read/write by software and cleared by hardware after Reset.
0: Break pin disabled
1: Break pin enabled
Bits 3:0 = PWM[3:0] Break Pattern bits
These bits are read/write by software and cleared by hardware after a reset. They are
used to force the four PWMx output signals into a stable state when the Break function
is active and corresponding OEx bit is set.
7
0
0
BREDGE
BA
BPEN
PWM3
PWM2
PWM1
PWM0
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com