Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 82Page - STMicroelectronics ST7LITE49M Datasheet HTML 83Page - STMicroelectronics ST7LITE49M Datasheet HTML 84Page - STMicroelectronics ST7LITE49M Datasheet HTML 85Page - STMicroelectronics ST7LITE49M Datasheet HTML 86Page - STMicroelectronics ST7LITE49M Datasheet HTML 87Page - STMicroelectronics ST7LITE49M Datasheet HTML 88Page - STMicroelectronics ST7LITE49M Datasheet HTML 89Page - STMicroelectronics ST7LITE49M Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 188 page
background image
On-chip peripherals
ST7LITE49M
86/188
When a break function is activated (BA bit =1 and BREN1/BREN2 =1):
The break pattern (PWM[3:0] bits in the BREAKCR) is forced directly on the PWMx
output pins if respective OEx is set. (after the inverter).
The 12-bit PWM counter CNTR1 is put to its reset value, i.e. 00h (if BREN1 = 1).
The 12-bit PWM counter CNTR2 is put to its reset value,i.e. 00h (if BREN2 = 1).
ATR1, ATR2, Preload and Active DCRx are put to their reset values.
Counters stop counting.
When the break function is deactivated after applying the break (BA bit goes from 1 to 0 by
software), Timer takes the control of PWM ports.
Figure 43.
Block diagram of break function
Output compare mode
To use this function, load a 12-bit value in the Preload DCRxH and DCRxL registers.
When the 12-bit upcounter CNTR1 reaches the value stored in the Active DCRxH and
DCRxL registers, the CMPFx bit in the PWMxCSR register is set and an interrupt request is
generated if the CMPIE bit is set.
In Single Timer mode the output compare function is performed only on CNTR1. The
difference between both the modes is that, in Single Timer mode, CNTR1 can be compared
with any of the four DCR registers, and in Dual Timer mode, CNTR1 is compared with DCR0
or DCR1 and CNTR2 is compared with DCR2 or DCR3.
Note:
1
The output compare function is only available for DCRx values other than 0 (reset value).
2
Duty cycle registers are buffered internally. The CPU writes in Preload Duty Cycle registers
and these values are transferred in Active Duty Cycle registers after an overflow event if the
corresponding transfer bit (TRANx bit) is set. Output compare is done by comparing these
active DCRx values with the counters.
PWM0
PWM1
PWM2
PWM3
PWM0
PWM1
PWM2
PWM3
BREAKCR register
BREAK pin
(Inverters)
PWM0
PWM1
PWM2
PWM3
BPEN
BA
Level
Selection
BRSEL
BREDGE BREAKCR register
ENCNTR2 bit
BREN1
BREN2
BREAKEN register
PWM0/1 Break Enable
PWM2/3 Break Enable
OEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com