Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 70Page - STMicroelectronics ST7LITE49M Datasheet HTML 71Page - STMicroelectronics ST7LITE49M Datasheet HTML 72Page - STMicroelectronics ST7LITE49M Datasheet HTML 73Page - STMicroelectronics ST7LITE49M Datasheet HTML 74Page - STMicroelectronics ST7LITE49M Datasheet HTML 75Page - STMicroelectronics ST7LITE49M Datasheet HTML 76Page - STMicroelectronics ST7LITE49M Datasheet HTML 77Page - STMicroelectronics ST7LITE49M Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 188 page
background image
I/O ports
ST7LITE49M
74/188
10.2.4
Analog alternate function
Configure the I/O as floating input to use an ADC input. The analog multiplexer (controlled
by the ADC registers) switches the analog voltage present on the selected pin to the
common analog rail, connected to the ADC input.
Analog Recommendations
Do not change the voltage level or loading on any I/O while conversion is in progress. Do not
have clocking pins located close to a selected analog pin.
Caution:
The analog input voltage level must be within the limits stated in the absolute maximum
ratings.
10.3
I/O port implementation
The hardware implementation on each I/O port depends on the settings in the DDR and OR
registers and specific I/O port features such as ADC input or open drain.
Switching these I/O ports from one state to another should be done in a sequence that
prevents unwanted side effects. Recommended safe transitions are illustrated in Figure 35.
Other transitions are potentially risky and should be avoided, since they may present
unwanted side-effects such as spurious interrupt generation.
Figure 35.
Interrupt I/O port state transitions
10.4
Unused I/O pins
Unused I/O pins must be connected to fixed voltage levels. Refer to Section 13.9: I/O port
pin characteristics.
10.5
Low power modes
s
01
floating/pull-up
interrupt
INPUT
00
floating
(reset state)
INPUT
10
open-drain
OUTPUT
11
push-pull
OUTPUT
XX = DDR, OR
Table 25.
Effect of low power modes on I/O ports
Mode
Description
Wait
No effect on I/O ports. External interrupts cause the device to exit from Wait
mode.
Halt
No effect on I/O ports. External interrupts cause the device to exit from Halt
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com