Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 96Page - STMicroelectronics ST7LITE49M Datasheet HTML 97Page - STMicroelectronics ST7LITE49M Datasheet HTML 98Page - STMicroelectronics ST7LITE49M Datasheet HTML 99Page - STMicroelectronics ST7LITE49M Datasheet HTML 100Page - STMicroelectronics ST7LITE49M Datasheet HTML 101Page - STMicroelectronics ST7LITE49M Datasheet HTML 102Page - STMicroelectronics ST7LITE49M Datasheet HTML 103Page - STMicroelectronics ST7LITE49M Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 188 page
background image
On-chip peripherals
ST7LITE49M
100/188
Input Capture register Low (ATICRL)
Reset value: 0000 0000 (00h)
Bits 11:0 = ICR[11:0] Input Capture Data.
This is a 12-bit register which is readable by software and cleared by hardware after a
reset. The ATICR register contains captured the value of the 12-bit CNTR1 register
when a rising or falling edge occurs on the ATIC or LTIC pin (depending on ICS).
Capture will only be performed when the ICF flag is cleared.
Break Enable register (BREAKEN)
Reset value: 0000 0011 (03h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = BREN2 Break Enable for Counter 2 bit
This bit is read/write by software. It enables the break functionality for Counter2 if BA bit
is set in BREAKCR. It controls PWM2/3 if ENCNTR2 bit is set.
0: No Break applied for CNTR2
1: Break applied for CNTR2
Bit 0 = BREN1 Break Enable for Counter 1 bit
This bit is read/write by software. It enables the break functionality for Counter1. If BA
bit is set, it controls PWM0/1 by default, and controls PWM2/3 also if ENCNTR2 bit is
reset.
0: No Break applied for CNTR1
1: Break applied for CNTR1
7
0
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
Read only
7
0
0
0000
0
BREN2
BREN1
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com