Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 100Page - STMicroelectronics ST7LITE49M Datasheet HTML 101Page - STMicroelectronics ST7LITE49M Datasheet HTML 102Page - STMicroelectronics ST7LITE49M Datasheet HTML 103Page - STMicroelectronics ST7LITE49M Datasheet HTML 104Page - STMicroelectronics ST7LITE49M Datasheet HTML 105Page - STMicroelectronics ST7LITE49M Datasheet HTML 106Page - STMicroelectronics ST7LITE49M Datasheet HTML 107Page - STMicroelectronics ST7LITE49M Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 188 page
background image
On-chip peripherals
ST7LITE49M
104/188
001C
DCR0L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
001D
DCR1H
Reset Value
00
00
DCR11
0
DCR10
0
DCR9
0
DCR8
0
001E
DCR1L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
001F
DCR2H
Reset Value
00
00
DCR11
0
DCR10
0
DCR9
0
DCR8
0
0020
DCR2L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
0021
DCR3H
Reset Value
00
00
DCR11
0
DCR10
0
DCR9
0
DCR8
0
0022
DCR3L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
0023
ATICRH
Reset Value
00
00
ICR11
0
ICR10
0
ICR9
0
ICR8
0
0024
ATICRL
Reset Value
ICR7
0
ICR6
0
ICR5
0
ICR4
0
ICR3
0
ICR2
0
ICR1
0
ICR0
0
0025
ATCSR2
Reset Value
FORCE2
0
FORCE1
0
ICS
0
OVFIE2
0
OVF2
0
ENCNTR2
0
TRAN2
1
TRAN1
1
0026
BREAKCR
Reset Value
0
BREDGE
0
BA
0
BPEN
0
PWM3
0
PWM2
0
PWM1
0
PWM0
0
0027
ATR2H
Reset Value
00
00
ATR11
0
ATR10
0
ATR9
0
ATR8
0
0028
ATR2L
Reset Value
ATR7
0
ATR6
0
ATR5
0
ATR4
0
ATR3
0
ATR2
0
ATR1
0
ATR0
0
0029
DTGR
Reset Value
DTE
0
DT6
0
DT5
0
DT4
0
DT3
0
DT2
0
DT1
0
DT0
0
002A
BREAKEN
Reset Value
0
0
0
0
0
0
BREN2
1
BREN1
1
Table 37.
Register mapping and reset values (continued)
Add.
(Hex)
Register
label
76
54
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com