Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 104Page - STMicroelectronics ST7LITE49M Datasheet HTML 105Page - STMicroelectronics ST7LITE49M Datasheet HTML 106Page - STMicroelectronics ST7LITE49M Datasheet HTML 107Page - STMicroelectronics ST7LITE49M Datasheet HTML 108Page - STMicroelectronics ST7LITE49M Datasheet HTML 109Page - STMicroelectronics ST7LITE49M Datasheet HTML 110Page - STMicroelectronics ST7LITE49M Datasheet HTML 111Page - STMicroelectronics ST7LITE49M Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 188 page
background image
On-chip peripherals
ST7LITE49M
108/188
Bit 0 = TB2F Timebase 2 Interrupt flag
This bit is set by hardware and cleared by software reading the LTCSR register. Writing
to this bit has no effect.
0: No Counter 2 overflow
1: A Counter 2 overflow has occurred
Lite Timer Autoreload register (LTARR)
Reset value: 0000 0000 (00h)
Bits 7:0 = AR[7:0] Counter 2 Reload value
These bits register is read/write by software. The LTARR value is automatically loaded into
Counter 2 (LTCNTR) when an overflow occurs.
Lite Timer Counter 2 (LTCNTR)
Reset value: 0000 0000 (00h)
Bits 7:0 = CNT[7:0] Counter 2 Reload value
This register is read by software. The LTARR value is automatically loaded into Counter
2 (LTCNTR) when an overflow occurs.
Lite Timer Control/status register (LTCSR1)
Reset value: 0x00 0000 (x0h)
Bit 7 = ICIE Interrupt Enable bit
This bit is set and cleared by software.
0: Input Capture (IC) interrupt disabled
1: Input Capture (IC) interrupt enabled
7
0
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
Read / Write
7
0
CNT7
CNT6
CNT5
CNT4
CNT3
CNT2
CNT1
CNT0
Read only
7
0
ICIE
ICF
TB
TB1IE
TB1F
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com