Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 74Page - STMicroelectronics ST7LITE49M Datasheet HTML 75Page - STMicroelectronics ST7LITE49M Datasheet HTML 76Page - STMicroelectronics ST7LITE49M Datasheet HTML 77Page - STMicroelectronics ST7LITE49M Datasheet HTML 78Page - STMicroelectronics ST7LITE49M Datasheet HTML 79Page - STMicroelectronics ST7LITE49M Datasheet HTML 80Page - STMicroelectronics ST7LITE49M Datasheet HTML 81Page - STMicroelectronics ST7LITE49M Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 188 page
background image
On-chip peripherals
ST7LITE49M
78/188
The application program must write in the CR register at regular intervals during normal
operation to prevent an MCU reset. This downcounter is free-running: it counts down even if
the watchdog is disabled. The value to be stored in the CR register must be between FFh
and C0h (see Table 32: Watchdog timing):
●
The WDGA bit is set (watchdog enabled)
●
The T6 bit is set to prevent generating an immediate reset
●
The T[5:0] bits contain the number of increments which represents the time delay
before the watchdog produces a reset.
Following a reset, the watchdog is disabled. Once activated it cannot be disabled, except by
a reset.
The T6 bit can be used to generate a software reset (the WDGA bit is set and the T6 bit is
cleared).
If the watchdog is activated, the HALT instruction will generate a Reset.
11.1.4
Hardware watchdog option
If Hardware Watchdog is selected by option byte, the watchdog is always active and the
WDGA bit in the CR is not used.
Refer to the option byte description in Section 14 on page 175.
Using Halt mode with the WDG (WDGHALT option)
If Halt mode with Watchdog is enabled by option byte (No watchdog reset on HALT
instruction), it is recommended before executing the HALT instruction to refresh the WDG
counter, to avoid an unexpected WDG reset immediately after waking up the microcontroller.
Same behaviour in active-halt mode.
11.1.5
Interrupts
None.
Table 32.
Watchdog timing(1)(2)
1.
The timing variation shown in Table 32 is due to the unknown status of the prescaler when writing to the
CR register.
2.
The number of CPU clock cycles applied during the Reset phase (256 or 4096) must be taken into account
in addition to these timings.
fCPU = 8MHz
WDG
counter code
min
[ms]
max
[ms]
C0h
1
2
FFh
127
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com