Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 91Page - STMicroelectronics ST7LITE49M Datasheet HTML 92Page - STMicroelectronics ST7LITE49M Datasheet HTML 93Page - STMicroelectronics ST7LITE49M Datasheet HTML 94Page - STMicroelectronics ST7LITE49M Datasheet HTML 95Page - STMicroelectronics ST7LITE49M Datasheet HTML 96Page - STMicroelectronics ST7LITE49M Datasheet HTML 97Page - STMicroelectronics ST7LITE49M Datasheet HTML 98Page - STMicroelectronics ST7LITE49M Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 188 page
background image
ST7LITE49M
On-chip peripherals
95/188
11.2.6
Register description
Timer Control Status register (ATCSR)
Reset value: 0x00 0000 (x0h)
Bit 7 = Reserved
Bit 6 = ICF Input Capture flag
This Bit is set by hardware and cleared by software by reading the ATICR register (a
read access to ATICRH or ATICRL clears this flag). Writing to this bit does not change
the bit value.
0: No Input Capture
1: An Input Capture Has Occurred
Bit 5 = ICIE IC Interrupt Enable bit
This bit is set and cleared by software.
0: Input Capture Interrupt Disabled
1: Input Capture Interrupt Enabled
Bits 4:3 = CK[1:0] Counter Clock Selection bits
These bits are set and cleared by software and cleared by hardware after a reset. they
select the clock frequency of the counter.
Bit 2 = OVF1 Overflow flag
This bit is set by hardware and cleared by software by reading the ATCSR register. It
indicates the transition of the Counter1 CNTR1 from FFFh to ATR1 value.
0: No Counter Overflow Occurred
1: Counter Overflow Occurred
Bit 1 = OVFIE1 Overflow Interrupt Enable bit
This bit is read/write by software and cleared by hardware after a reset.
0: Overflow Interrupt Disabled.
1: Overflow Interrupt Enabled.
7
0
0
ICF
ICIE
CK1
CK0
OVF1
OVFIE1
CMPIE
Read / Write
Table 36.
Counter clock selection
Counter clock selection
CK1
CK0
OFF
0
0
selection forbidden
1
1
fLTIMER (1 ms timebase @ 8 MHz)
0
1
fCPU
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com