Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 41Page - STMicroelectronics ST7LITE49M Datasheet HTML 42Page - STMicroelectronics ST7LITE49M Datasheet HTML 43Page - STMicroelectronics ST7LITE49M Datasheet HTML 44Page - STMicroelectronics ST7LITE49M Datasheet HTML 45Page - STMicroelectronics ST7LITE49M Datasheet HTML 46Page - STMicroelectronics ST7LITE49M Datasheet HTML 47Page - STMicroelectronics ST7LITE49M Datasheet HTML 48Page - STMicroelectronics ST7LITE49M Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 188 page
background image
ST7LITE49M
Supply, reset and clock management
45/188
7.5
Register description
7.5.1
Main Clock Control/Status register (MCCSR)
Reset value: 0000 0000 (00h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = MCO Main Clock Out enable bit
This bit is read/write by software and cleared by hardware after a reset. This bit allows
to enable the MCO output clock.
0: MCO clock disabled, I/O port free for general purpose I/O.
1: MCO clock enabled.
Bit 0 = SMS Slow mode selection bit
This bit is read/write by software and cleared by hardware after a reset. This bit selects
the input clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSC
1: Slow mode (fCPU = fOSC/32)
7.5.2
RC Control register (RCCR)
Reset value: 1111 1111 (FFh)
Bits 7:0 = CR[9:2] RC Oscillator Frequency Adjustment bits
These bits must be written immediately after reset to adjust the RC oscillator frequency
and to obtain an accuracy of 1%. The application can store the correct value for each
voltage range in EEPROM and write it to this register at start-up.
00h = maximum available frequency
FFh = lowest available frequency
These bits are used with the CR[1:0] bits in the SICSR register. Refer to Section 7.5 on
page 45.
Note:
To tune the oscillator, write a series of different values in the register until the correct
frequency is reached. The fastest method is to use a dichotomy starting with 80h.
7
0
000000
MCO
SMS
Read/write
7
0
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com